Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD538 Datasheet(PDF) 8 Page - Analog Devices

Part # AD538
Description  Real-Time Analog Computational Unit ACU
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD538 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD538 Datasheet HTML 3Page - Analog Devices AD538 Datasheet HTML 4Page - Analog Devices AD538 Datasheet HTML 5Page - Analog Devices AD538 Datasheet HTML 6Page - Analog Devices AD538 Datasheet HTML 7Page - Analog Devices AD538 Datasheet HTML 8Page - Analog Devices AD538 Datasheet HTML 9Page - Analog Devices AD538 Datasheet HTML 10Page - Analog Devices AD538 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AD538
–8–
REV. C
LOG RATIO OPERATION
Figure 14 shows the AD538 configured for computing the log of
the ratio of two input voltages (or currents). The output signal
from B is connected to the summing junction of the output ampli-
fier via two series resistors. The 90.9
Ω metal film resistor effec-
tively degrades the temperature coefficient of the
±3500 ppm/°C
resistor to produce a 1.09 k
Ω +3300 ppm/°C equivalent value.
In this configuration, the VY input must be tied to some voltage
less than zero (–1.2 V in this case) removing this input from the
transfer function.
The 5 k
Ω potentiometer controls the circuit’s scale factor ad-
justment providing a +1 V per decade adjustment. The output
offset potentiometer should be set to provide a zero output with
VX = VZ = 1 V. The input VZ adjustment should be set for an
output of 3 V with VZ = l mV and VX = 1 V.
25k
25k
LOG
RATIO
100
25k
25k
ANTILOG
LOG
OUTPUT
100
AD538
INTERNAL
VOLTAGE
REFERENCE
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
I
VO
IZ
VZ
B
+10V
+2V
IY
A
D
IX
VX
C
PWR
GND
SIGNAL
GND
VY
+15V
–15V
IN4148
VO = 1V LOG10 (
)
VZ
VX
OUTPUT
2k
1%
5k
SCALE
FACTOR
ADJUST
AD589
–1.2V
–VS
OPTIONAL
INPUT VOS
ADJUSTMENT
VX
INPUT
1M
10M
90.9
1%
1k
+3500
ppm/ C
+VS
–VS
10M
10k
OPTIONAL
OUTPUT VOS
ADJUSTMENT
68k
5%
48.7
Figure 14. Log Ratio Circuit
The log ratio circuit shown achieves
±0.5% accuracy in the log
domain for input voltages within three decades of input range:
10 mV to 10 V. This error is not defined as a percent of full-
scale output, but as a percent of input. For example, using a
1 V/decade scale factor, a 1% error in the positive direction at
the INPUT of the log ratio amplifier translates into a 4.3 mV
deviation from the ideal OUTPUT (i.e., 1 V
× log
10 (1.01) =
4.3214 mV). An input error 1% in the negative direction is
slightly different, giving an output deviation of 4.3648 mV.
TWO-QUADRANT DIVISION
The two-quadrant linear divider circuit illustrated in Figure 13
uses the same basic connections as the one-quadrant version.
However, in this circuit the numerator has been offset in the
positive direction by adding the denominator input voltage to it.
The offsetting scheme changes the divider’s transfer function
from:
V
O = 10V
V
Z
V
X


to:
VO
= 10V
VZ
+ AV
X
()
VX
= 10 V 1 A +
VZ
VX
= 10 A +10 V
VZ
VX
where A =
35 k
Ω
25 k
Ω


As long as the magnitude of the denominator input is equal to
or greater than the magnitude of the numerator input, the cir-
cuit will accept bipolar numerator voltages. However, under the
conditions of a 0 V numerator input, the output would incor-
rectly equal +14 V. The offset can be removed by connecting
the +10 V reference through resistors R1 and R2 to the output
section’s summing node I at Pin 9 thus providing a gain of 1.4
at the center of the trimming potentiometer. The pot R2 adjusts
out or corrects this offset, leaving the desired transfer function
of 10 V (VZ /VX).
25k
25k
LOG
RATIO
100
25k
25k
ANTILOG
LOG
OUTPUT
100
AD538
INTERNAL
VOLTAGE
REFERENCE
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
I
VO
IZ
VZ
B
+10V
+2V
IY
A
D
IX
VX
C
PWR
GND
SIGNAL
GND
VY
+15V
–15V
IN4148
VOUT = 10 (
)
VZ
VX
FOR
VX
VZ
OUTPUT
R1
12.4k
R2
10k
ZERO
ADJUST
AD589
1M
VOS ADJ
68k
5%
3.9M
35k
NUMERATOR
VZ
10M
–1.2V
–VS
OPTIONAL
Z OFFSET TRIM
DENOMINATOR
VX
35k
Figure 13. Two-Quadrant Division with 10 V Scaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com