Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5340 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5340
Description  2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5340 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5340 Datasheet HTML 12Page - Analog Devices AD5340 Datasheet HTML 13Page - Analog Devices AD5340 Datasheet HTML 14Page - Analog Devices AD5340 Datasheet HTML 15Page - Analog Devices AD5340 Datasheet HTML 16Page - Analog Devices AD5340 Datasheet HTML 17Page - Analog Devices AD5340 Datasheet HTML 18Page - Analog Devices AD5340 Datasheet HTML 19Page - Analog Devices AD5340 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
AD5332/AD5333/AD5342/AD5343
–17–
Decoding Multiple AD5332/AD5333/AD5342/AD5343
The CS pin on these devices can be used in applications to decode
a number of DACs. In this application, all DACs in the system
receive the same data and WR pulses, but only the CS to one of
the DACs will be active at any one time, so data will only be
written to the DAC whose CS is low. If multiple AD5343s are
being used, a common HBEN line will also be required to
determine if the data is written to the high-byte or low-byte
register of the selected DAC.
The 74HC139 is used as a 2- to 4-line decoder to address any
of the DACs in the system. To prevent timing errors from
occurring, the enable input should be brought to its inactive
state while the coded address inputs are changing state. Figure 36
shows a diagram of a typical setup for decoding multiple devices
in a system. Once data has been written sequentially to all DACs in
a system, all the DACs can be updated simultaneously using a
common LDAC line. A common CLR line can also be used to
reset all DAC outputs to zero.
ENABLE
CODED
ADDRESS
1G
1A
1B
VDD
VCC
74HC139
DGND
1Y0
1Y1
1Y2
1Y3
A1
HBEN
WR
LDAC
CLR
DATA
INPUTS
DATA
INPUTS
DATA
INPUTS
DATA
INPUTS
*AD5343 ONLY
A0
HBEN*
WR
LDAC
CLR
CS
AD5332/AD5333/
AD5342/AD5343
AD5332/AD5333/
AD5342/AD5343
AD5332/AD5333/
AD5342/AD5343
AD5332/AD5333/
AD5342/AD5343
A0
HBEN*
WR
LDAC
CLR
CS
A0
HBEN*
WR
LDAC
CLR
CS
A0
HBEN*
WR
LDAC
CLR
CS
Figure 36. Decoding Multiple DAC Devices
AD5332/AD5333/AD5342/AD5343 as a Digitally Program-
mable Window Detector
A digitally programmable upper/lower limit detector using the
two DACs in the AD5332/AD5333/AD5342 is shown in Figure
37. The upper and lower limits for the test are loaded to DACs
A and B which, in turn, set the limits on the CMP04. If a signal
at the VIN input is not within the programmed window, an LED
will indicate the fail condition.
Note that the AD5343 has only a single reference input. If using
the AD5332, AD5333, or AD5342, both reference inputs must
be connected.
5V
0.1 F
10 F
AD5332/AD5333/
AD5342
GND
VDD
VOUT
VREFB*
*NOT AD5343
VOUTB
VIN
FAIL
PASS
1k
1k
PASS/
FAIL
1/6 74HC05
1/2
CMP04
VREFA*
VREF
Figure 37. Programmable Window Detector
Programmable Current Source
Figure 38 shows the AD5332/AD5333/AD5342/AD5343 used
as the control element of a programmable current source. In this
example, the full-scale current is set to 1 mA. The output volt-
age from the DAC is applied across the current setting resistor
of 4.7 k
Ω in series with the 470 Ω adjustment potentiometer,
which gives an adjustment of about
±5%. Suitable transistors to
place in the feedback loop of the amplifier include the BC107
and the 2N3904, which enable the current source to operate
from a minimum VSOURCE of 6 V. The operating range is deter-
mined by the operating characteristics of the transistor. Suitable
amplifiers include the AD820 and the OP295, both having rail-
to-rail operation on their outputs. The current for any digital
input code and resistor value can be calculated as follows:
IG
V
D
R
mA
REF
N
=×
×
×
()
2
Where:
G is the gain of the buffer amplifier (1 or 2)
D is the digital equivalent of the digital input code
N is the DAC resolution (8, 10, or 12 bits)
R is the sum of the resistor plus adjustment potentiometer in k
Ω
AD5332/AD5333/
AD5342/AD5343
GND
VDD = 5V
EXT
REF
VOUT*
AD780/REF192
WITH VDD = 5V
GND
VIN
VOUT
VREF*
VDD
4.7k
5V
*ONLY ONE CHANNEL OF VREF AND VOUT SHOWN
0.1 F
0.1 F
10 F
470
LOAD
VSOURCE
Figure 38. Programmable Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com