Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD542 Datasheet(PDF) 2 Page - Analog Devices

Part # AD542
Description  High Performance, BiFET Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD542 Datasheet(HTML) 2 Page - Analog Devices

  AD542 Datasheet HTML 1Page - Analog Devices AD542 Datasheet HTML 2Page - Analog Devices AD542 Datasheet HTML 3Page - Analog Devices AD542 Datasheet HTML 4Page - Analog Devices AD542 Datasheet HTML 5Page - Analog Devices AD542 Datasheet HTML 6Page - Analog Devices AD542 Datasheet HTML 7Page - Analog Devices AD542 Datasheet HTML 8Page - Analog Devices AD542 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD542
AD544
AD547
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OPEN-LOOP GAIN
1
VOUT =
±10 V, R
L = 2 k
Ω
J Grade
100
30
100
V/mV
K, L, S Grades
250
50
250
V/mV
TA = TMIN to TMAX
J Grade
100
20
100
V/mV
S Grade
100
20
100
V/mV
K, L Grades
250
40
250
V/mV
OUTPUT CHARACTERISTICS
RL = 2 k
Ω
TA = TMIN to TMAX
±10
±12
±10
±12
±10
±12
V
RL = 10 k
Ω
TA = TMIN to TMAX
±12
±13
±12
±13
±12
±13
V
Short Circuit Current
25
25
25
mA
FREQUENCY RESPONSE
Unity Gain, Small Signal
1.0
2.0
1.0
MHz
Full Power Response
50
200
50
kHz
Slew Rate, Unity Gain
2.0
3.0
8.0
13.0
2.0
3.0
V/
µs
Total Harmonic Distortion
0.0025
%
INPUT OFFSET VOLTAGE
2
J Grade
2.0
2.0
1.0
mV
K Grade
1.0
1.0
0.5
mV
L Grade
0.5
0.5
0.25
mV
S Grade
1.0
1.0
0.5
mV
vs. Temperature
3
J Grade
20
20
5
µV/°C
K Grade
10
10
2
µV/°C
L Grade
551
µV/°C
S Grade
15
15
5
µV/°C
vs. Supply, TA = TMIN to TMAX
J Grade
200
200
200
µV/V
K, L, S Grades
100
100
100
µV/V
INPUT BIAS CURRENT
4
Either Input
J Grade
50
50
50
pA
K, L, S Grades
10
25
10
25
10
25
pA
Input Offset Current
J Grade
5
15
5
15
5
15
pA
K, L, S Grades
2
15
2
15
2
15
pA
INPUT IMPEDANCE
Differential
10
12 61012 61012 6
Ω pF
Common Mode
10
12 31012 31012 3
Ω pF
INPUT VOLTAGE
5
Differential
±20
±20
±20
V
Common Mode
±10
±12
±10
±12
±10
±12
V
Common-Mode Rejection
VIN = ± 10 V
J Grade
76
76
76
dB
K, L, S Grades
80
80
80
dB
AD542/AD544/AD547–SPECIFICATIONS
REV. B
–2–
( VS =
15 V @ TA = +25 C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com