Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1DC-Z Datasheet(PDF) 2 Page - AIMTEC

Part # AM1DC-Z
Description  1 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DC-Z Datasheet(HTML) 2 Page - AIMTEC

  AM1DC-Z Datasheet HTML 1Page - AIMTEC AM1DC-Z Datasheet HTML 2Page - AIMTEC AM1DC-Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM1DC-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.E
2 of 3
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
4.5-5.5
10.8-13.2
21.6-26.4
VDC
Filter
Capacitor
Turn on Transient process time
5 Vin
12 Vin
24 Vin
760
300
280
µs
Start up time
5 Vin
12 Vin
24 Vin
2.8
2.3
2.24
ms
Absolute Maximum Rating
5 Vin
12 Vin
24 Vin
0-7
0-15
0-28
VDC
Peak Input Voltage time
100
ms
Quiescent Current
5 Vin
12 Vin
24 Vin
30-40
20
10-15
mA
Rise time
5 Vin
12 Vin
24 Vin
180
200
180
µs
Input Reflected Ripple current
Thru 12µH inductor, 5Hz to 20MHz
20
mA rms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage (rated for 1 min)
Flash tested for 3sec.
6000
VDC
Rated working voltage
250
V rms
Resistance
>1000
MOhm
Capacitance
10
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Voltage balance (Dual output model)
Balanced Load
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Line voltage regulation
For 1% change of V in
±1.2
%
Load voltage regulation
From 10 to 100% load
±10
%
Temperature coefficient
±0.03
%/
oC
Maximum Capacitive load
Single output models
Dual output models
220
±100
µF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
See models table
KHz
Clearance Distance
Input to Output
2.5
mm
Operating temperature
Full Load without Derating
-40 to +70
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Non-conductive black plastic, epoxy encapsulated (UL94V-0 rated)
Soldering temperature
1.5mm from case for 10 sec.
260
oC
Weight
4.2
g
Dimensions (L x W x H)
0.77 x 0.39 x 0.47 inches
19.56 x 9.80 x 12.00 mm
MTBF
>2 390 000 hrs (MIL-HDBK-217 F at +25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com