Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD548 Datasheet(PDF) 6 Page - Analog Devices

Part # AD548
Description  Precision, Low Power BiFET Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD548 Datasheet(HTML) 6 Page - Analog Devices

  AD548 Datasheet HTML 1Page - Analog Devices AD548 Datasheet HTML 2Page - Analog Devices AD548 Datasheet HTML 3Page - Analog Devices AD548 Datasheet HTML 4Page - Analog Devices AD548 Datasheet HTML 5Page - Analog Devices AD548 Datasheet HTML 6Page - Analog Devices AD548 Datasheet HTML 7Page - Analog Devices AD548 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD548
–6–
REV. C
Figure 22. Board Layout for Guarding Inputs
INPUT PROTECTION
The AD548 is guaranteed to withstand input voltages equal to
the power supply potential. Exceeding the negative supply volt-
age on either input will forward bias the substrate junction of
the chip. The induced current may destroy the amplifier due to
excess heat.
Input protection is required in applications such as a flame
detector in a gas chromatograph, where a very high potential
may be applied to the input terminals during a sensor fault con-
dition. Figure 23 shows a simple current limiting scheme that
can be used. RPROTECT should be chosen such that the maxi-
mum overload current is 1.0 mA (l00 k
Ω for a 100 V overload,
for example).
Exceeding the negative common-mode range on either input
terminal causes a phase reversal at the output, forcing the
amplifier output to the corresponding high or low state. Exceed-
ing the negative common-mode on both inputs simultaneously
forces the output high. Exceeding the positive common-mode
range on a single input doesn’t cause a phase reversal, but if
both inputs exceed the limit the output will be forced high. In
all cases, normal amplifier operation is resumed when input
voltages are brought back within the common-mode range.
Figure 23. Input Protection of IV Converter
D/A CONVERTER OUTPUT BUFFER
The circuit in Figure 24 shows the AD548 and AD7545 12-bit
CMOS D/A converter in a unipolar binary configuration. VOUT
will be equal to VREF attenuated by a factor depending on the
digital word. VREF sets the full scale. Overall gain is trimmed by
adjusting RIN. The AD548’s low input offset voltage, low drift
and clean dynamics make it an attractive low power output
buffer.
The input offset voltage of the AD548 output amplifier results
in an output error voltage. This error voltage equals the input
offset voltage of the op amp times the noise gain of the
amplifier.
Figure 24. AD548 Used as DAC Output Amplifier
That is:
VOS Output =VOS Input 1+
RFB
RO


RFB is the feedback resistor for the op amp, which is internal to
the DAC. RO is the DAC’s R-2R ladder output resistance. The
value of RO is code dependent. This has the effect of changing
the offset error voltage at the amplifier’s output. An output am-
plifier with a sub millivolt input offset voltage is needed to
preserve the linearity of the DAC’s transfer function.
The AD548 in this configuration provides a 700 kHz small sig-
nal bandwidth and 1.8 V/
µs typical slew rate. The 33 pF capaci-
tor across the feedback resistor optimizes the circuit’s response.
The oscilloscope photos in Figures 25 and 26 show small and
large signal outputs of the circuit in Figure 24. Upper traces
show the input signal VIN. Lower traces are the resulting output
voltage with the DAC’s digital input set to all 1s. The AD548
settles to
±0.01% for a 20 V input step in 14 µs.
0%
10
5V
5µS
20V
100
90
Figure 25. Response to
±20 V p-p Reference Square Wave
0%
10
50mV
2µS
200mV
100
90
Figure 26. Response to
±100 mV p-p Reference Square
Wave



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com