Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1DR-RZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM1DR-RZ
Description  1 Watt | DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1DR-RZ Datasheet(HTML) 2 Page - AIMTEC

  AM1DR-RZ Datasheet HTML 1Page - AIMTEC AM1DR-RZ Datasheet HTML 2Page - AIMTEC AM1DR-RZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM1DR-RZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R9.E
2 of 3
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Load voltage regulation
From 0% to 100% Load
±0.5
%
Load voltage regulation (3.3V output)
From 0% to 100% Load
±1
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
50
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
50 (variable)
KHz
Operating temperature
Full load
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Non-Conductive Plastic (UL94V-0)
Weight
2.7
g
Dimensions (L x W x H)
19.50 x 7.20 x 9.50 mm (0.77 x 0.28 x 0.37 inches)
MTBF
>1,500,000 hrs dual (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Safety Specifications
Parameters
Agency Approvals
CE
Safety Standards
EN 55022, Class B
IEC61000-4-2
IEC61000-4-3
IEC61000-4-4
IEC61000-4-6
IEC61000-4-8
Also designed to meet IEC 60950-1
Pin Out Specifications
Dimensions
Pin
Single
1
+ V input
2
- V input
4
- V output
5
No Pin
6
+ V output
7
No Pin
19.50
(0.78)
2.54
(0.10)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
1.25
(0.05)
7.20
(0.28)
9.50
(0.37)
9.50
(0.37)
3.05
(0.12)
0.50
(0.02)
7.20
(0.28)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com