Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD542SH Datasheet(PDF) 10 Page - Analog Devices

Part # AD542SH
Description  High Performance, BiFET Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD542SH Datasheet(HTML) 10 Page - Analog Devices

Back Button AD542SH Datasheet HTML 4Page - Analog Devices AD542SH Datasheet HTML 5Page - Analog Devices AD542SH Datasheet HTML 6Page - Analog Devices AD542SH Datasheet HTML 7Page - Analog Devices AD542SH Datasheet HTML 8Page - Analog Devices AD542SH Datasheet HTML 9Page - Analog Devices AD542SH Datasheet HTML 10Page - Analog Devices AD542SH Datasheet HTML 11Page - Analog Devices AD542SH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD542/AD544/AD547
REV. B
–10–
This particular log ratio circuit is free from the dynamic prob-
lems that plague many other log circuits. The –3 dB bandwidth
is 50 kHz over the top 3 decades, 100 nA to 100
µA, and de-
creases smoothly at lower input levels. This circuit needs no ad-
ditional frequency compensation for stable operation from
input current sources, such as photodiodes, that may have 100
pF of shunt capacitance. For larger input capacitances a 20 pF
integration capacitor around each amplifier will provide a
smoother frequency response.
This log ratio amplifier can be readily adjusted for optimum
accuracy by following this simple procedure. First, apply V1 =
V2 = –10.00 V and adjust “Balance” for VOUT = 0.00 V. Next
apply V1 = –10.00 V, V2 = –1.00 V and adjust gain for VOUT =
+1.00 V. Repeat this procedure until gain and balance readings
are within 2 mV of ideal values.
Figure 35. Low Drift Integrator and
Low Leakage Guarded Reset
Figure 34. Differentiator
Figure 36. Wien-Bridge
Oscillator–fO = 10 kHz
Figure 37. Capacitance
Multiplier
Figure 38. Long Interval
Timer–1,000 Seconds
Figure 39. Positive Peak Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com