Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD883B Datasheet(PDF) 9 Page - Analog Devices

Part # AD883B
Description  High Performance, BiFET Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 9 Page - Analog Devices

Back Button AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices AD883B Datasheet HTML 10Page - Analog Devices AD883B Datasheet HTML 11Page - Analog Devices AD883B Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD542/AD544/AD547
REV. B
–9–
The oscilloscope photo of Figure 31b shows the output of the
circuit of Figure 31a. The upper trace represents the reference
input, and the bottom trace shows the output voltage for a
digital input of all ones on the DAC (Gain 1–2
–n). The 47 pF
capacitor across the feedback resistor compensates for the DAC
output capacitance, and the 150 pF load capacitor serves to
minimize output glitches.
Figure 31b. Voltage Output DAC Settling Characteristic
Figure 32a illustrates the 10-bit digital-to-analog converter,
AD7533, connected for bipolar operation. Since the digital
input can accept bipolar numbers and VREF can accept a bipolar
analog input, the circuit can perform a 4-quadrant multiplying
function.
Figure 32a. AD544 Used as DAC Output Amplifiers
The photos exhibit the response to a step input at VREF. Figure
32b is the large signal response and Figure 32c is the small sig-
nal response. C1 phase compensation (15 pF) is required for
stability when using high speed amplifiers. C1 is used to cancel
the pole formed by the DAC internal feedback resistance and
the output capacitance of the DAC.
USING THE AD547 IN LOG AMPLIFIER APPLICATIONS
Log amplifiers or log ratio amplifiers are useful in applications
requiring compression of wide-range analog input data, linear-
ization of transducers having exponential outputs, and analog
computing, ranging from simple translation of natural relation-
ships in log form (e.g., computing absorbance as the log-ratio of
input currents), to the use of logarithms in facilitating analog
computation of terms involving arbitrary exponents and
multi-term products and ratios.
The picoamp level input current and low offset voltage of the
AD547 make it suitable for wide dynamic range log amplifiers.
Figure 33 is a schematic of a log ratio circuit employing the
AD547 that can achieve less than 1% conformance error over 5
decades of current input, 1 nA to 100
µA. For voltage inputs,
the dynamic range is typically 50 mV to 10 V for 1% error,
limited on the low end by the amplifiers’ input offset voltage.
Figure 33. Log-Ratio Amplifier
The conversion between current (or voltage) input and log out-
put is accomplished by the base emitter junctions of the dual
transistor Q1. Assuming Q1 has
β > 100, which is the case for
the specified transistor, the base-emitter voltage on side 1 is to a
close approximation:
V BE A = kT/q ln I1/IS1
This circuit is arranged to take the difference of the VBE’s of
Q1A and Q1B, thus producing an output voltage proportional
to the log of the ratio of the inputs:
V
OUT = – K (VBE A – V BE B) = –
KkT
q
(ln I
1 /I S1 –ln I2 /I S2 )
V
OUT =− KkT / q ln I1 / I2
The scaling constant, K is set by R1 and RTC to about 16, to
produce 1 V change in output voltage per decade difference in
input signals. RTC is a special resistor with a +3500 ppm/°C
temperature coefficient, which makes K inversely proportional
to temperature, compensating for the “T” in kT/q. The log-
ratio transfer characteristic is therefore independent of
temperature.
Figure 32b. Large Signal
Response
Figure 32c. Small Signal
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com