Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5317 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5317
Description  2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5317 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5317 Datasheet HTML 6Page - Analog Devices AD5317 Datasheet HTML 7Page - Analog Devices AD5317 Datasheet HTML 8Page - Analog Devices AD5317 Datasheet HTML 9Page - Analog Devices AD5317 Datasheet HTML 10Page - Analog Devices AD5317 Datasheet HTML 11Page - Analog Devices AD5317 Datasheet HTML 12Page - Analog Devices AD5317 Datasheet HTML 13Page - Analog Devices AD5317 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. F
–10–
AD5305/AD5315/AD5325
FUNCTIONAL DESCRIPTION
The AD5305/AD5315/AD5325 are quad resistor-string DACs
fabricated on a CMOS process with resolutions of 8, 10, and 12
bits, respectively. Each contains four output buffer amplifiers
and is written to via a 2-wire serial interface. They operate from
single supplies of 2.5 V to 5.5 V, and the output buffer amplifiers
provide rail-to-rail output swing with a slew rate of 0.7 V/
µs.
The four DACs share a single reference input pin. The devices
have three programmable power-down modes, in which all
DACs may be turned off completely with a high impedance
output, or the outputs may be pulled low by on-chip resistors.
Digital-to-Analog Section
The architecture of one DAC channel consists of a resistor-string
DAC followed by an output buffer amplifier. The voltage at the
REFIN pin provides the reference voltage for the DAC. Figure 4
shows a block diagram of the DAC architecture. Since the input
coding to the DAC is straight binary, the ideal output voltage is
given by
V
VD
OUT
REF
N
=
×
2
IDD ( A)
300
350
600
400
450
500
550
VDD = 5V
VDD = 3V
TPC 19. IDD Histogram with
VDD = 3 V and VDD = 5 V
VDD = 5V
TA = 25 C
VREF (V)
0.02
–0.02
01
3
0.01
–0.01
46
0
25
TPC 22. Full-Scale Error vs. VREF
1 s/DIV
2.48
2.49
2.47
2.50
TPC 20. AD5325 Major-Code
Transition Glitch Energy
50ns/DIV
TPC 23. DAC-to-DAC Crosstalk
FREQUENCY (Hz)
10
–40
10
–20
–30
0
–10
100
1k
10k
100k
1M
10M
–50
–60
TPC 21. Multiplying Bandwidth
(Small-Signal Frequency Response)
where
D = decimal equivalent of the binary code, which is loaded to
the DAC register:
0–255 for AD5305 (8 bits)
0–1023 for AD5315 (10 bits)
0–4095 for AD5325 (12 bits)
N = DAC resolution
INPUT
REGISTER
REFIN
OUTPUT BUFFER
AMPLIFIER
VOUTA
RESISTOR
STRING
DAC
REGISTER
Figure 4. DAC Channel Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com