Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5541 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5541
Description  5 V, Serial-Input Voltage-Output, 16-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5541 Datasheet HTML 4Page - Analog Devices AD5541 Datasheet HTML 5Page - Analog Devices AD5541 Datasheet HTML 6Page - Analog Devices AD5541 Datasheet HTML 7Page - Analog Devices AD5541 Datasheet HTML 8Page - Analog Devices AD5541 Datasheet HTML 9Page - Analog Devices AD5541 Datasheet HTML 10Page - Analog Devices AD5541 Datasheet HTML 11Page - Analog Devices AD5541 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD5541/AD5542
–9–
REV. A
100
90
0%
10
VREF = 2.5V
VDD = 5V
TA = 25 C
10pF
50pF
200pF
100pF
2µs/DIV
CS (5V/DIV)
VOUT (0.5V/DIV)
Figure 16. Large Signal Settling Time
VOUT (1V/DIV)
VOUT (50mV/DIV)
GAIN = –216
1LSB = 8.2mV
100
90
0%
10
VREF = 2.5V
VDD = 5V
TA = 25 C
0.5 s/DIV
Figure 17. Small Signal Settling Time
100
90
0%
10
CLOCK (5V/DIV)
VOUT (50mV/DIV)
2 s/DIV
VREF = 2.5V
VDD = 5V
TA = 25 C
Figure 14. Digital Feedthrough
100
90
0%
10
2µs/DIV
VREF = 2.5V
VDD = 5V
TA = 25 C
CS (5V/DIV)
VOUT (0.1V/DIV)
Figure 15. Digital-to-Analog Glitch Impulse
GENERAL DESCRIPTION
The AD5541/AD5542 are single, 16-bit, serial input, voltage
output DACs. They operate from a single supply ranging from
2.7 V to 5 V and consume typically 300 mA with a supply of
5 V. Data is written to these devices in a 16-bit word format, via
a 3- or 4-wire serial interface. To ensure a known power-up state,
these parts were designed with a power-on reset function. In uni-
polar mode, the output is reset to 0 V, while in bipolar mode, the
AD5542 output is set to –VREF. Kelvin sense connections for
the reference and analog ground are included on the AD5542.
Digital-to-Analog Section
The DAC architecture consists of two matched DAC sections.
A simplified circuit diagram is shown in Figure 18. The DAC
architecture of the AD5541/AD5542 is segmented. The four
MSBs of the 16-bit data word are decoded to drive 15 switches,
E1 to E15. Each of these switches connects one of 15 matched
resistors to either AGND or VREF. The remaining 12 bits of the
data word drive switches S0 to S11 of a 12-bit voltage mode
R-2R ladder network.
R
VOUT
2R
2R
2R
R
2R
2R
2R
2R
S0
S1
S11
E1
E2
E15
VREF
12-BIT R-2R LADDER
FOUR MSB's DECODED INTO
15 EQUAL SEGMENTS
Figure 18. DAC Architecture
With this type of DAC configuration, the output impedance
is independent of code, while the input impedance seen by
the reference is heavily code dependent. The output voltage
is dependent on the reference voltage as shown in the follow-
ing equation.
V
VD
OUT
REF
N
=
×
2
where
D is the decimal data word loaded to the DAC register
and
N is the resolution of the DAC. For a reference of 2.5 V,
the equation simplifies to the following.
V
D
OUT =
×
25
65 536
.
,
giving a
VOUT of 1.25 V with midscale loaded, and 2.5 V with
full-scale loaded to the DAC.
The LSB size is VREF/65,536.
Serial Interface
The AD5541 and AD5542 are controlled by a versatile 3-wire
serial interface, which operates at clock rates up to 25 MHz and
is compatible with SPI, QSPI, MICROWIRE, and DSP interface
standards. The timing diagram can be seen in Figure 1. Input
data is framed by the chip select input, CS. After a high-to-low
transition on CS, data is shifted synchronously and latched into
the input register on the rising edge of the serial clock, SCLK.
Data is loaded MSB first in 16-bit words. After 16 data bits
have been loaded into the serial input register, a low-to-high
transition on CS transfers the contents of the shift register to the
DAC. Data can only be loaded to the part while CS is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com