Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD883B Datasheet(PDF) 1 Page - Analog Devices

Part # AD883B
Description  Integrated Circuit True RMS-to-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 1 Page - Analog Devices

  AD883B Datasheet HTML 1Page - Analog Devices AD883B Datasheet HTML 2Page - Analog Devices AD883B Datasheet HTML 3Page - Analog Devices AD883B Datasheet HTML 4Page - Analog Devices AD883B Datasheet HTML 5Page - Analog Devices AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD536A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Integrated Circuit
True RMS-to-DC Converter
FEATURES
True RMS-to-DC Conversion
Laser-Trimmed to High Accuracy
0.2% Max Error (AD536AK)
0.5% Max Error (AD536AJ)
Wide Response Capability:
Computes RMS of AC and DC Signals
450 kHz Bandwidth: V rms > 100 mV
2 MHz Bandwidth: V rms > 1 V
Signal Crest Factor of 7 for 1% Error
dB Output with 60 dB Range
Low Power: 1.2 mA Quiescent Current
Single or Dual Supply Operation
Monolithic Integrated Circuit
–55 C to +125 C Operation (AD536AS)
PRODUCT DESCRIPTION
The AD536A is a complete monolithic integrated circuit which
performs true rms-to-dc conversion. It offers performance which
is comparable or superior to that of hybrid or modular units
costing much more. The AD536A directly computes the true
rms value of any complex input waveform containing ac and dc
components. It has a crest factor compensation scheme which
allows measurements with 1% error at crest factors up to 7. The
wide bandwidth of the device extends the measurement capabi-
lity to 300 kHz with 3 dB error for signal levels above 100 mV.
An important feature of the AD536A not previously available in
rms converters is an auxiliary dB output. The logarithm of the
rms output signal is brought out to a separate pin to allow the
dB conversion, with a useful dynamic range of 60 dB. Using an
externally supplied reference current, the 0 dB level can be con-
veniently set by the user to correspond to any input level from
0.1 to 2 volts rms.
The AD536A is laser trimmed at the wafer level for input and
output offset, positive and negative waveform symmetry (dc re-
versal error), and full-scale accuracy at 7 V rms. As a result, no
external trims are required to achieve the rated unit accuracy.
There is full protection for both inputs and outputs. The input
circuitry can take overload voltages well beyond the supply lev-
els. Loss of supply voltage with inputs connected will not cause
unit failure. The output is short-circuit protected.
The AD536A is available in two accuracy grades (J, K) for com-
mercial temperature range (0
°C to +70°C) applications, and one
grade (S) rated for the –55
°C to +125°C extended range. The
AD536AK offers a maximum total error of
±2 mV ±0.2% of
reading, and the AD536AJ and AD536AS have maximum errors
of
±5 mV ±0.5% of reading. All three versions are available in
either a hermetically sealed 14-lead DIP or 10-pin TO-100
metal can. The AD536AS is also available in a 20-leadless her-
metically sealed ceramic chip carrier.
PRODUCT HIGHLIGHTS
1. The AD536A computes the true root-mean-square level of a
complex ac (or ac plus dc) input signal and gives an equiva-
lent dc output level. The true rms value of a waveform is a
more useful quantity than the average rectified value since it
relates directly to the power of the signal. The rms value of a
statistical signal also relates to its standard deviation.
2. The crest factor of a waveform is the ratio of the peak signal
swing to the rms value. The crest factor compensation
scheme of the AD536A allows measurement of highly com-
plex signals with wide dynamic range.
3. The only external component required to perform measure-
ments to the fully specified accuracy is the capacitor which
sets the averaging period. The value of this capacitor determines
the low frequency ac accuracy, ripple level and settling time.
4. The AD536A will operate equally well from split supplies or
a single supply with total supply levels from 5 to 36 volts.
The one milliampere quiescent supply current makes the
device well-suited for a wide variety of remote controllers and
battery powered instruments.
5. The AD536A directly replaces the AD536 and provides im-
proved bandwidth and temperature drift specifications.
PIN CONFIGURATIONS AND
FUNCTIONAL BLOCK DIAGRAMS
LCC (E-20A) Package
4
5
6
7
8
3
2
1
20
19
18
17
16
15
14
9
10
11
12
13
BUF
CURRENT
MIRROR
ABSOLUTE
VALUE
SQUARER
DIVIDER
25k
25k
AD536A
VIN
NC
CAV
dB
+VS
NC
NC
NC
COM
RL
IOUT
NC = NO CONNECT
–VS
BUF
OUT
BUF
IN
NC
NC
NC
NC
NC
NC
TO-116 (D-14) and
Q-14 Package
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ABSOLUTE
VALUE
CURRENT
MIRROR
25k
25k
BUF
SQUARER
DIVIDER
AD536A
NC = NO CONNECT
VIN
NC
–VS
CAV
dB
BUF
OUT
BUF
IN
+VS
NC
NC
NC
COM
RL
IOUT
TO-100 (H-10A)
Package
BUF
25k
ABSOLUTE
VALUE
SQUARER
DIVIDER
CURRENT
MIRROR
25k
AD536A
VIN
CAV
dB
+VS
COM
RL
IOUT
–VS
BUF
OUT
BUF IN


Similar Part No. - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD883B AD-AD883B Datasheet
464Kb / 14P
Software Programmable Gain Amplifier
AD883B AD-AD883B Datasheet
136Kb / 7P
Internally Trimmed Integrated Circuit Multiplier
AD883B AD-AD883B Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD883B AD-AD883B Datasheet
167Kb / 11P
Real-Time Analog Computational Unit ACU
AD883B AD-AD883B Datasheet
637Kb / 8P
Wideband Dual-Channel Linear Multiplier/Divider
More results

Similar Description - AD883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
Low Level, True RMS-to-DC Converter
REV.B
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
LH0091 True RMS to DC Converter
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636_13 Datasheet
444Kb / 16P
Low Level, True RMS-to-DC Converter
REV. E
AD536AJHZ AD-AD536AJHZ Datasheet
558Kb / 17P
Integrated Circuit True RMS-to-DC Converter
Rev. E
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
TRUE RMS TO DC CONVERTER
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
Integrated Circuit True RMS-to-DC Converter
Rev. F
AD636 AD-AD636_15 Datasheet
677Kb / 17P
Low Level, True RMS-to-DC Converter
Rev. E
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
True RMS-to-DC Converter
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
True RMS-to-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com