Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HST08 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HST08
Description  TRIAC 600V,8A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HST08 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HST08 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HST08 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HST08 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HST08 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200903
Issued Date : 2009.08.15
Revised Date :
Page No. : 3/4
HST08
HSMC Product Specification
TO-220AB Dimension
DIM
Min.
Max.
A
5.58
7.49
B
8.38
8.90
C
4.40
4.70
D
1.15
1.39
E
0.35
0.60
F
2.03
2.92
G
9.66
10.28
H
-
*16.25
I
-
*3.83
J
3.00
4.00
K
0.75
0.95
L
2.54
3.42
M
1.14
1.40
N
-
*2.54
O
12.70
14.27
P
14.48
15.87
*: Typical, Unit: mm
A
B
E
G
I
K
M
O
P
3
2
1
C
N
H
D
Tab
F
J
L
3-Lead TO-220AB
Plastic Package
HSMC Package Code: E
Marking:
Note: Green label is used for pb-free packing
Pin Style: 1. Main terminal 1
2 & Tab. Main terminal 2
3.Gate
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
• Head Office (Hi-Sincerity Microelectronics Corp.):3F, No.72, Sec. 2, Nanjing E. Rd., Zhongshan Dist., Taipei City 104, Taiwan (R.O.C.).
Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com