Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HST12 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HST12
Description  TRIAC 600V,12A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HST12 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HST12 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HST12 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HST12 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HST12 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200904
Issued Date : 2009.08.17
Revised Date :
Page No. : 2/4
HST12
HSMC Product Specification
Electrical Characteristics (Ta=25°C, unless otherwise stated,)
Rank min
Rank max
Symbol
Parameter
Quadrant
C
B
C
B
Unit
I - II - III
25
50
mA
IGT
Gate Trigger Current (VD=12V)
IV
50
100
mA
I - III- IV
40
50
mA
IL
Latching Current
(IT=1.2
IGT,Tj=25°C)
II
80
100
mA
IH
Holding Current(IT=0.1A,)
ALL
25
50
mA
VTM
On-state Voltage
(IT=8.5A,)
1.55
V
VGT
Gate Trigger Voltage
(VD=12V, Tj=25°C)
1.3
V
Off-state Leakage Current
TC=25°C
10
uA
ID
(VD = VDRM(max))
TC=125°C
1
mA
Critical rate of rise of off-state voltage
dVD/dt
VDM=400VTj= 125°C; exponential
waveform; gate open circuit
200
400
V/us
Thermal Resistances
Symbol
Parameter
Min.
Typ
Max.
Unit
Rth j-c
Thermal resistance junction to mounting base
1.4
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com