Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD586 Datasheet(PDF) 1 Page - Analog Devices

Part # AD586
Description  High Precision 5 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD586 Datasheet(HTML) 1 Page - Analog Devices

  AD586 Datasheet HTML 1Page - Analog Devices AD586 Datasheet HTML 2Page - Analog Devices AD586 Datasheet HTML 3Page - Analog Devices AD586 Datasheet HTML 4Page - Analog Devices AD586 Datasheet HTML 5Page - Analog Devices AD586 Datasheet HTML 6Page - Analog Devices AD586 Datasheet HTML 7Page - Analog Devices AD586 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Precision
5 V Reference
AD586
FEATURES
Laser Trimmed to High Accuracy:
5.000 V
2.0 mV (M Grade)
Trimmed Temperature Coefficient:
2 ppm/ C max, 0 C to +70 C (M Grade)
5 ppm/ C max, –40 C to +85 C (B & L Grades)
10 ppm/ C max, –55 C to +125 C (T Grade)
Low Noise, 100 nV/
√Hz
Noise Reduction Capability
Output Trim Capability
MIL-STD-883 Compliant Versions Available
Industrial Temperature Range SOICs Available
Output Capable of Sourcing or Sinking 10 mA
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT DESCRIPTION
The AD586 represents a major advance in the state-of-the-art in
monolithic voltage references. Using a proprietary ion-implanted
buried Zener diode and laser wafer trimming of high stability
thin-film resistors, the AD586 provides outstanding perfor-
mance at low cost.
The AD586 offers much higher performance than most other
5 V references. Because the AD586 uses an industry standard
pinout, many systems can be upgraded instantly with the
AD586. The buried Zener approach to reference design pro-
vides lower noise and drift than bandgap voltage references. The
AD586 offers a noise reduction pin which can be used to further
reduce the noise level generated by the buried Zener.
The AD586 is recommended for use as a reference for 8-, 10-,
12-, 14- or 16-bit D/A converters which require an external
precision reference. The device is also ideal for successive
approximation or integrating A/D converters with up to 14 bits
of accuracy and, in general, can offer better performance than
the standard on-chip references.
The AD586J, K, L and M are specified for operation from 0
°C
to +70
°C, the AD586A and B are specified for –40°C to +85°C
operation, and the AD586S and T are specified for –55
°C to
+125
°C operation. The AD586J, K, L and M are available in an
8-pin plastic DIP. The AD586J, K, L, A and B are available in
an 8-pin plastic surface mount small outline (SO) package. The
AD586J, K, L, S and T are available in an 8-pin cerdip package.
PRODUCT HIGHLIGHTS
1. Laser trimming of both initial accuracy and temperature
coefficients results in very low errors over temperature with-
out the use of external components. The AD586M has a
maximum deviation from 5.000 V of
±2.45 mV between
0
°C and +70°C, and the AD586T guarantees ±7.5 mV
maximum total error between –55
°C and +125°C.
2. For applications requiring higher precision, an optional fine-
trim connection is provided.
3. Any system using an industry standard pinout reference can
be upgraded instantly with the AD586.
4. Output noise of the AD586 is very low, typically 4
µV p-p. A
noise reduction pin is provided for additional noise filtering
using an external capacitor.
5. The AD586 is available in versions compliant with MIL-
STD-883. Refer to the Analog Devices Military Products
Databook or current AD586/883B data sheet for detailed
specifications.


Similar Part No. - AD586

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD586 AD-AD586 Datasheet
495Kb / 33P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Rev. PrA
AD586 AD-AD586 Datasheet
1Mb / 48P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD586 AD-AD586 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD586 AD-AD586 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
AD586 AD-AD586 Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
More results

Similar Description - AD586

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD587 AD-AD587 Datasheet
177Kb / 12P
High Precision 10 V Reference
7/04-Data Sheet Changed from REV. E to REV. F.
AD688 AD-AD688 Datasheet
406Kb / 8P
High Precision -10 V Reference
REF02 AD-REF02 Datasheet
454Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
7/04-Data Sheet Changed from Rev. E to Rev. F
REF02 AD-REF02_05 Datasheet
584Kb / 16P
5 V Precision Voltage Reference/Temperature Transducer
12/05-Rev. H to Rev. I
AD586 AD-AD586_05 Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
5962-8982401PA AD-5962-8982401PA Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD586 AD-AD586_15 Datasheet
479Kb / 16P
High Precision 5 V Reference
Rev. G
AD587 AD-AD587_15 Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com