Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD598 Datasheet(PDF) 3 Page - Analog Devices

Part # AD598
Description  LVDT Signal Conditioner
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD598 Datasheet(HTML) 3 Page - Analog Devices

  AD598 Datasheet HTML 1Page - Analog Devices AD598 Datasheet HTML 2Page - Analog Devices AD598 Datasheet HTML 3Page - Analog Devices AD598 Datasheet HTML 4Page - Analog Devices AD598 Datasheet HTML 5Page - Analog Devices AD598 Datasheet HTML 6Page - Analog Devices AD598 Datasheet HTML 7Page - Analog Devices AD598 Datasheet HTML 8Page - Analog Devices AD598 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NOTES
1V
A and VB represent the Mean Average Deviation (MAD) of the detected sine waves. Note that for this Transfer Function to linearly represent positive displacement,
the sum of VA and VB of the LVDT must remain constant with stroke length. See “Theory of Operation.” Also see Figures 7 and 12 for R2.
2From T
MIN, to TMAX, the overall error due to the AD598 alone is determined by combining gain error, gain drift and offset drift. For example the worst case overall
error for the AD598AD from TMIN to TMAX is calculated as follows: overall error = gain error at +25°C (± 1% full scale) + gain drift from –40°C to +25°C (50 ppm/°C
of FS
× +65°C) + offset drift from –40°C to +25°C (50 ppm/°C of FS × +65°C) = ±1.65% of full scale. Note that 1000 ppm of full scale equals 0.1% of full scale.
Full scale is defined as the voltage difference between the maximum positive and maximum negative output.
3Nonlinearity of the AD598 only, in units of ppm of full scale. Nonlinearity is defined as the maximum measured deviation of the AD598 output voltage from a
straight line. The straight line is determined by connecting the maximum produced full-scale negative voltage with the maximum produced full-scale positive voltage.
4See Transfer Function.
5This offset refers to the (V
A–VB)/(VA+VB) input spanning a full-scale range of ± 1. [For (VA–VB)/(VA+VB) to equal +1, VB must equal zero volts; and correspondingly
for (VA–VB)/(VA+VB) to equal –1, VA must equal zero volts. Note that offset errors do not allow accurate use of zero magnitude inputs, practical inputs are limited to
100 mV rms.] The
± 1 span is a convenient reference point to define offset referred to input. For example, with this input span a value of R2 = 20 k Ω would give
VOUT span a value of ± 10 volts. Caution, most LVDTs will typically exercise less of the ((V A–VB))/((VA+VB)) input span and thus require a larger value of R2 to
produce the
±10 V output span. In this case the offset is correspondingly magnified when referred to the output voltage. For example, a Schaevitz E100 LVDT
requires 80.2 k
Ω for R2 to produce a ±10.69 V output and (V
A–VB)/(VA+VB) equals 0.27. This ratio may be determined from the graph shown in Figure 18,
(VA–VB)/(VA+VB) = (1.71 V rms – 0.99 V rms)/(1.71 V rms + 0.99 V rms). The maximum offset value referred to the ± 10.69 V output may be determined by
multiplying the maximum value shown in the data sheet (
±1% of FS by 1/0.27 which equals ±3.7% maximum. Similarly, to determine the maximum values of offset
drift, offset CMRR and offset PSRR when referred to the
± 10.69 V output, these data sheet values should also be multiplied by (1/0.27). For this example for the
AD598AD the maximum values of offset drift, PSRR offset and CMRR offset would be: 185 ppm/
°C of FS; 741 ppm/V and 741 ppm/V respectively when referred
to the
± 10.69 V output.
6For example, if the excitation to the primary changes by 1 dB, the gain of the system will change by typically 100 ppm.
7Output ripple is a function of the AD598 bandwidth determined by C2, C3 and C4. See Figures 16 and 17.
8R1 is shown in Figures 7 and 12.
9Excitation voltage drift is not an important specification because of the ratiometric operation of the AD598.
Specifications subject to change without notice.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tested are used to calculate outgoing quality levels. All
min and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
AD598
THERMAL CHARACTERISTICS
θ
JC
θ
JA
SOIC Package
22
°C/W
80
°C/W
Side Brazed Package
25
°C/W
85
°C/W
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage +VS to –VS
. . . . . . . . . . . . . . . . . +36 V
Storage Temperature Range
R Package . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
D Package . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD598JR . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD598AD . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
Power Dissipation Up to +65
°C . . . . . . . . . . . . . . . . . . .1.2 W
Derates Above +65
°C . . . . . . . . . . . . . . . . . . . . . . . 12 mW/°C
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD598JR
0
°C to +70°C
SOIC
R-20
AD598AD
–40
°C to +85C
Ceramic DIP
D-20
OFFSET 1
OFFSET 2
SIGNAL REFERENCE
SIGNAL OUTPUT
FEEDBACK
OUTPUT FILTER
A1 FILTER
A2 FILTER
EXC 1
EXC 2
LEVEL 1
LEVEL 2
FREQ 1
FREQ 2
B1 FILTER
B2 FILTER
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
17
18
19
20
–V
S
+V
S
AD598
TOP VIEW
(Not to Scale)
VB
VA
REV. A
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com