Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMLDP-Z Datasheet(PDF) 4 Page - AIMTEC

Part # AMLDP-Z
Description  Up to 1000mA | LED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDP-Z Datasheet(HTML) 4 Page - AIMTEC

  AMLDP-Z Datasheet HTML 1Page - AIMTEC AMLDP-Z Datasheet HTML 2Page - AIMTEC AMLDP-Z Datasheet HTML 3Page - AIMTEC AMLDP-Z Datasheet HTML 4Page - AIMTEC AMLDP-Z Datasheet HTML 5Page - AIMTEC AMLDP-Z Datasheet HTML 6Page - AIMTEC AMLDP-Z Datasheet HTML 7Page - AIMTEC AMLDP-Z Datasheet HTML 8Page - AIMTEC AMLDP-Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Series AMLDP-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
4 of 18
North America only
Output Current Adjustment by External DC Control Voltage:
Resistive Dimming Control
A simplified dimming control can be achieved using a variable resistor connected between VADJ and GND. Capacitor CADJ
is optional, it is installed to limit AC mains interference and high frequency noise. The recommended value of CADJ is
0.22µF.
Ioutnom= Iout x Radj
Radj + 200K
The nominal output current is given by:
NOTE: Typical error is ±10% with resistive dimming control
If the value of Radj is between 0 to 2M
Ω, the maximum adjustment range will be 25% to 90%, (for Vin –Vout <10VDC)
The nominal output current is given by:
Vadj
1.25
Iout
Ioutnom =
AMLDP-Z
-Vin
VADJ
1st LED
Last LED
+Vout
1
1
-Vout
0.3 -1.25V
GND
AMLDP-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
+5v
10K
30K
R2
R1
Vctrl
VADJ =
R2
R1 + R2
X Vctrl
AMLDP-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
+Vin
1
TL431
10K
10K
4.7K
AMLDP-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
RADJ
CADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com