Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD604AR Datasheet(PDF) 14 Page - Analog Devices

Part # AD604AR
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604AR Datasheet(HTML) 14 Page - Analog Devices

Back Button AD604AR Datasheet HTML 10Page - Analog Devices AD604AR Datasheet HTML 11Page - Analog Devices AD604AR Datasheet HTML 12Page - Analog Devices AD604AR Datasheet HTML 13Page - Analog Devices AD604AR Datasheet HTML 14Page - Analog Devices AD604AR Datasheet HTML 15Page - Analog Devices AD604AR Datasheet HTML 16Page - Analog Devices AD604AR Datasheet HTML 17Page - Analog Devices AD604AR Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD604
REV. 0
–14–
The signal is applied to connector VIN, and since the signal
source was 50
Ω, a terminating resistor (R1) of 50 Ω was added.
The signal is then amplified by 14 dB (Pin FBK1 shorted to
PAO1) through the Channel 1 preamplifier, and is further pro-
cessed by the Channel 1 DSX. Next the signal is applied directly
to the Channel 2 DSX. The second preamplifier is powered
down by connecting its COM2 pin to the positive supply as
explained in the preamplifier section earlier. Capacitors C1 and
C2 level shift the signal from the preamplifier into the first DSX
and at the same time eliminate any offset contribution of the
preamp. C3 and C4 have the same offset cancellation purpose
for the second DSX. Each set of capacitors together with the
175
Ω input resistance of the corresponding DSX provides a
high pass filter with –3 dB corner frequency of about 9.1 kHz.
Pin VOCM is decoupled to ground by a 0.1
µF capacitor, while
VREF can be externally provided; in this application the gain
scale is set to 20 dB/V by applying 2.500 V. Since each of the
DSX amplifiers operates from a single +5 V supply, the output
is ac coupled via C6 and C7. The output signal can be moni-
tored at the connector labeled RF OUT.
Figures 43 and 44 show the gain range and gain error for the
AD604 connected as shown. The gain range is –14 dB to +82 dB;
the useful range is 0 dB to +82 dB if the RF output amplitude is
controlled to
±400 mV (+2 dBm). The main limitation on the
lower end of the signal range is the input capability of the
VGN – Volts
90
80
–30
70
60
20
50
40
30
–20
–10
0
10
1.7
0.1
0.5
0.9
1.3
2.1
2.5
2.9
f = 1MHz
Figure 43. AD604 Cascaded Gain vs. VGN
VGN – Volts
4
3
–4
2.2
2
1
–3
0
–1
–2
0.2
0.7
1.2
1.7
2.7
f = 1MHz
Figure 44. AD604 Cascaded Gain Error vs. VGN
preamplifier. This can be overcome by adding an attenuator in
front of the preamplifier, but that would defeat the advantage of
the ultralow noise preamplifier. It should be noted that the sec-
ond preamplifier is not used since its ultralow noise and the
associated high power consumption are overkill after the first
DSX stage. It is disabled in this application by connecting the
COM2 pin to the positive supply. Nevertheless, the second
preamplifier can be used if so desired and the useful gain range
will shift up by 14 dB, to encompass 0 dB to +96 dB of gain.
For the same +2 dBm output this would allow signals as small
as –94 dBm to be measured.
To achieve the highest gains, the input signal has to ultimately
be bandlimited to reduce the noise; this is especially true if the
second preamplifier is used. If the maximum signal at Pin OUT2
of the AD604 is limited to be
±400 mV (+2 dBm), then the in-
put signal level at the AGC threshold is 25
µV rms (–79 dBm).
The circuit as shown has about 40 MHz of noise bandwidth; the
0.8 nV/
√Hz of input referred voltage noise spectral density of
the AD604 results in an rms noise of 5.05
µV in the 40 MHz
bandwidth. The 50
Ω termination resistor, together with the
50
Ω source resistance of the signal generator, combine to an
effective resistance as seen by the input of the preamplifier of
25
Ω which makes 4.07 µV of rms noise in 40 MHz. The noise
floor of this channel is consequently the rms sum of these two
main noise sources, 6.5
µV rms. This means that the minimum
dectectable signal (MDS) for this circuit is 6.5
µV rms
(–90.7 dBm). As a general rule of thumb the measured signal
should be about a factor-of-three larger than the noise floor, in
this case 19.5
µV rms. As we can see the 25 µV rms signal that
this AGC circuit can correct for is just slightly above the MDS.
Of course, the sensitivity of the input can be improved by
bandlimiting the signal; if the noise bandwidth is reduced by a
factor-of-four to 10 MHz, the noise floor of the AGC circuit
with 50
Ω termination resistor will drop to 3.25 µV rms
(–96.7 dBm). Further noise improvement can be achieved by an
input matching network or by transformer coupling of the input
signal.
Next we will describe the functioning of the detector circuitry
comprised of a squarer, a low-pass filter, and an integrator. At
this point it is necessary to make some assumptions about the
input signal. The following explanation of the detector circuitry
presumes an amplitude modulated RF carrier where the modu-
lating signal is at a much lower frequency than the RF signal.
The AD835 multiplier functions as the detector by squaring the
output signal presented to it by the AD604. A low-pass filter fol-
lowing the squaring operation removes the RF signal component
at twice the incoming signal frequency, while passing the low
frequency AM information. The following integrator with a time
constant of 2 ms set by R8 and C11 integrates the error signal
presented by the low-pass filter and changes VG until the error
signal is equal to VSET.
For example, if the signal presented to the detector is V1 =
A*cos(
ωt) as indicated in Figure 42, then the output of the
squarer is –(V1)
2/1 V. The reason for all the minus signs in the
detection circuitry comes from the necessity of providing nega-
tive feedback in the control loop; actually if VSET becomes
greater-than 0 V, the control loop provides positive feedback.
Squaring A*cos(
ωt) results in two terms, one at dc and one at
2
ω; the following low-pass filter passes only the –(A)2/2 dc term.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com