Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD883B Datasheet(PDF) 12 Page - Analog Devices

Part # AD883B
Description  Low Noise, 90 MHz Variable-Gain Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B Datasheet(HTML) 12 Page - Analog Devices

Back Button AD883B Datasheet HTML 6Page - Analog Devices AD883B Datasheet HTML 7Page - Analog Devices AD883B Datasheet HTML 8Page - Analog Devices AD883B Datasheet HTML 9Page - Analog Devices AD883B Datasheet HTML 10Page - Analog Devices AD883B Datasheet HTML 11Page - Analog Devices AD883B Datasheet HTML 12Page - Analog Devices AD883B Datasheet HTML 13Page - Analog Devices AD883B Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
REV. C
–12–
AD603
FREQUENCY – Hz
100k
102
100
98
96
1M
10M
100M
94
Figure 25. Input Impedance vs.
Frequency (Gain = –10 dB)
1V
200ns
1V
100
90
10
0%
Figure 28. Gain-Control Channel
Response Time
3.5V
500mV
–1.5V
–44ns
50ns
456ns
GND
GND
INPUT
500mV/DIV
OUTPUT
500mV/DIV
Figure 31. Transient Response,
G = 0 dB, Pin 5 Connected to Pin 7
(Input is 500 ns Period, 50% Duty-
Cycle Square Wave, Output Is
Captured Using Tektronix 11402
Digitizing Oscilloscope)
FREQUENCY – Hz
100k
102
100
98
96
1M
10M
100M
94
Figure 26. Input Impedance vs.
Frequency (Gain = +10 dB)
4.5V
500mV
–500mV
–49ns
50ns
451ns
INPUT GND
1V/DIV
OUTPUT GND
500mV/DIV
Figure 29. Input Stage Overload
Recovery Time, Pin 5 Connected to
Pin 7 (Input Is 500 ns Period, 50%
Duty-Cycle Square Wave, Output Is
Captured Using Tektronix 11402
Digitizing Oscilloscope)
3.5V
500mV
–1.5V
–44ns
50ns
456ns
INPUT GND
100mV/DIV
OUTPUT GND
500mV/DIV
Figure 32. Transient Response,
G = +20 dB, Pin 5 Connected to Pin 7
(Input is 500 ns Period, 50% Duty-
Cycle Square Wave, Output Is
Captured Using Tektronix 11402
Digitizing Oscilloscope)
FREQUENCY – Hz
100k
102
100
98
96
1M
10M
100M
94
Figure 27. Input Impedance vs.
Frequency (Gain = +30 dB)
8V
1V
–2V
–49ns
50ns
451ns
INPUT GND
100mV/DIV
OUTPUT GND
1V/DIV
Figure 30. Output Stage Overload
Recovery Time, Pin 5 Connected to
Pin 7 (Input Is 500 ns Period, 50%
Duty-Cycle Square Wave, Output Is
Captured Using Tektronix 11402
Digitizing Oscilloscope)
FREQUENCY – Hz
100k
0
–20
–40
–60
1M
10M
100M
–10
–30
–50
Figure 33. PSRR vs. Frequency (Worst
Case Is Negative Supply PSRR,
Shown Here)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com