Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD622 Datasheet(PDF) 3 Page - Analog Devices

Part # AD622
Description  Low Cost Instrumentation Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD622 Datasheet(HTML) 3 Page - Analog Devices

  AD622 Datasheet HTML 1Page - Analog Devices AD622 Datasheet HTML 2Page - Analog Devices AD622 Datasheet HTML 3Page - Analog Devices AD622 Datasheet HTML 4Page - Analog Devices AD622 Datasheet HTML 5Page - Analog Devices AD622 Datasheet HTML 6Page - Analog Devices AD622 Datasheet HTML 7Page - Analog Devices AD622 Datasheet HTML 8Page - Analog Devices AD622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AD622
Model
Conditions
Min
Typ
Max
Units
DYNAMIC RESPONSE
Small Signal –3 dB Bandwidth
G = 1
1000
kHz
G = 10
800
kHz
G = 100
120
kHz
G = 1000
12
kHz
Slew Rate
1.2
V/
µs
Settling Time to 0.1%
10 V Step
G = 1–100
10
µs
NOISE
Voltage Noise, 1 kHz
Total RTI Noise
= (e2
ni ) + (eno / G )
2
Input, Voltage Noise, eni
12
nV/
√Hz
Output, Voltage Noise, eno
72
nV/
√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
4.0
µV p-p
G = 10
0.6
µV p-p
G = 100–1000
0.3
µV p-p
Current Noise
f = 1 kHz
100
fA/
√Hz
0.1 Hz to 10 Hz
10
pA p-p
REFERENCE INPUT
RIN
20
k
Ω
IIN
VIN+, VREF = 0
+50
+60
µA
Voltage Range
–VS + 1.6
+VS – 1.6
V
Gain to Output
1
± 0.0015
POWER SUPPLY
Operating Range
3
±2.6
±18
V
Quiescent Current
VS = ± 2.6 V to ± 18 V
0.9
1.3
mA
Over Temperature
1.1
1.5
mA
TEMPERATURE RANGE
For Specified Performance
–40 to +85
°C
NOTES
1Does not include effects of external resistor R
G.
2One input grounded. G = 1.
3This is defined as the same supply range that is used to specify PSR.
Specifications subject to change without notice.
REV. C
–3–
AD622



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com