Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23LCV512 Datasheet(PDF) 1 Page - Microchip Technology

Part # 23LCV512
Description  512 Kbit SPI Serial SRAM with Battery Backup and SDI Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LCV512 Datasheet(HTML) 1 Page - Microchip Technology

  23LCV512 Datasheet HTML 1Page - Microchip Technology 23LCV512 Datasheet HTML 2Page - Microchip Technology 23LCV512 Datasheet HTML 3Page - Microchip Technology 23LCV512 Datasheet HTML 4Page - Microchip Technology 23LCV512 Datasheet HTML 5Page - Microchip Technology 23LCV512 Datasheet HTML 6Page - Microchip Technology 23LCV512 Datasheet HTML 7Page - Microchip Technology 23LCV512 Datasheet HTML 8Page - Microchip Technology 23LCV512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS25157A-page 1
23LCV512
Device Selection Table
Features:
• SPI-Compatible Bus Interface:
- 20 MHz Clock rate
- SPI/SDI mode
• Low-Power CMOS Technology:
- Read Current: 3 mA at 5.5V, 20 MHz
- Standby Current: 4
A at +85°C
• Unlimited Read and Write Cycles
• External Battery Backup support
• Zero Write Time
• 64K x 8-bit Organization:
- 32-byte page
• Byte, Page and Sequential mode for Reads and
Writes
• High Reliability
• Temperature Range Supported:
• Pb-Free and RoHS Compliant, Halogen Free.
• 8-Lead SOIC, TSSOP and PDIP Packages
Pin Function Table
Description:
The Microchip Technology Inc. 23LCV512 is a 512 Kbit
Serial SRAM device. The memory is accessed via a
simple Serial Peripheral Interface (SPI) compatible
serial bus. The bus signals required are a clock input
(SCK) plus separate data in (SI) and data out (SO)
lines. Access to the device is controlled through a Chip
Select (CS) input. Additionally, SDI (Serial Dual Inter-
face) is supported if your application needs faster data
rates.
This device also supports unlimited reads and writes to
the memory array, and supports data backup via exter-
nal battery/coin cell connected to VBAT (pin 7).
The 23LCV512 is available in standard packages
including 8-lead SOIC, PDIP and advanced 8-lead
TSSOP.
Package Types (not to scale)
Part
Number
VCC Range
Dual I/O
(SDI)
Battery
Backup
Max. Clock
Frequency
Packages
23LCV512
2.5-5.5V
Yes
Yes
20 MHz
SN, ST, P
- Industrial (I):
-40
Cto +85C
Name
Function
CS
Chip Select Input
SO/SIO1
Serial Output/SDI pin
Vss
Ground
SI/SIO0
Serial Input/SDI pin
SCK
Serial Clock
VBAT
External Backup Supply Input
Vcc
Power Supply
CS
SO/SIO1
NC
Vss
Vcc
VBAT
SCK
SI/SIO0
1
2
3
4
8
7
6
5
SOIC/TSSOP/PDIP
512 Kbit SPI Serial SRAM with Battery Backup and SDI Interface


Similar Part No. - 23LCV512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23LCV512 MICROCHIP-23LCV512 Datasheet
672Kb / 29P
512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
23LCV512-I/P MICROCHIP-23LCV512-I/P Datasheet
672Kb / 29P
512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
23LCV512-I/SN MICROCHIP-23LCV512-I/SN Datasheet
672Kb / 29P
512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
23LCV512-I/ST MICROCHIP-23LCV512-I/ST Datasheet
672Kb / 29P
512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
23LCV512T-I/P MICROCHIP-23LCV512T-I/P Datasheet
672Kb / 29P
512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
More results

Similar Description - 23LCV512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A1024 MICROCHIP-23A1024 Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
2011-2012
23A512 MICROCHIP-23A512 Datasheet
728Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
2012
23LCV1024 MICROCHIP-23LCV1024 Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV1024T-E MICROCHIP-23LCV1024T-E Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
11/29/11
23LC1024-I MICROCHIP-23LC1024-I Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
11/29/11
23A1024 MICROCHIP-23A1024_15 Datasheet
427Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
03/25/14
23A512 MICROCHIP-23A512_13 Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23A512 MICROCHIP-23A512_V01 Datasheet
428Kb / 32P
512-Kbit SPI Serial SRAM with SDI and SQI Interface
Revision C (May 2022)
23LCV1024 MICROCHIP-23LCV1024_V01 Datasheet
616Kb / 29P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
23LCV512 MICROCHIP-23LCV512_V01 Datasheet
672Kb / 29P
512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com