Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD883B2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD883B2
Description  Low Drift, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD883B2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD883B2 Datasheet HTML 8Page - Analog Devices AD883B2 Datasheet HTML 9Page - Analog Devices AD883B2 Datasheet HTML 10Page - Analog Devices AD883B2 Datasheet HTML 11Page - Analog Devices AD883B2 Datasheet HTML 12Page - Analog Devices AD883B2 Datasheet HTML 13Page - Analog Devices AD883B2 Datasheet HTML 14Page - Analog Devices AD883B2 Datasheet HTML 15Page - Analog Devices AD883B2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD621
REV. B
–14–
Gain Selection
The AD621 has accurate, low temperature coefficient (TC),
gains of 10 and 100 available. The gain of the AD621 is nomi-
nally set at 10; this is easily changed to a gain of 100 by simply
connecting a jumper between Pins 1 and 8.
AD621
555.5
5,555.5
REXT
Figure 11. Programming the AD621 for Gains Between
10 and 100
As shown in Figure 11, the device can be programmed for any
gain between 10 and 100 by connecting a single external resistor
between Pins 1 and 8. Note that adding the external resistor will
degrade both the gain accuracy and gain TC. Since the gain
equation of the AD621 yields:
G
= 1+
9( RX + 6,111.111)
( RX + 555.555)
This can be solved for the nominal value of external resistor for
gains between 10 and 100:
RX =
(G – 1) 555.555 – 55,000
(10 – G )
Table III gives practical 1% resistor values for several com-
mon gains.
Table III. Practical 1% External Resistor
Values for Gains Between 10 and 100
Desired Recommended
Temperature
Gain
1% Resistor Value
Gain Error Coefficient (TC)
10
∞ (Pins 1 and 8 Open)
*
5 ppm/
°C max
20
4.42 k
Ω±10%
≈0.4 (50 ppm/°C
+ Resistor TC)
50
698
Ω±10%
≈0.4 (50 ppm/°C
+ Resistor TC)
100
0 (Pins 1 and 8 Shorted)
*
5 ppm/
°C max
*Factory trimmed–exact value depends on grade.
A High Performance Programmable Gain Amplifier
The excellent performance of the AD621 at a gain of 10 makes
it a good choice to team up with the AD526 programmable gain
amplifier (PGA) to yield a differential input PGA with gains of
10, 20, 40, 80, 160. As shown in Figure 12, the low offset of the
AD621 allows total circuit offset to be trimmed using the offset
null of the AD526, with only a negligible increase in total drift
error. The total gain TC will be 9 ppm/
°C max, with 2 µV/°C
typical input offset drift. Bandwidth is 600 kHz to gains of 10 to
80, and 350 kHz at G = 160. Settling time is 13
µs to 0.01%
for a 10 V output step for all gains.
–
+
–VS
AD621
+VS
INPUTS
–
+
0.1 F
G = 10
–
+
–VS
AD526
+VS
0.1 F
20k
0.1 F
0.1 F
2
OUTPUT
Figure 12. A High Performance Programmable Gain
Amplifier
COMMON-MODE REJECTION
Instrumentation amplifiers like the AD621 offer high CMR
which is a measure of the change in output voltage when both
inputs arc changed by equal amounts. These specifications are
usually given for a full-range input voltage change and a speci-
fied source imbalance.
For optimal CMR, the reference terminal should be tied to a
low impedance point, and differences in capacitance and resis-
tance should be kept to a minimum between the two inputs. In
many applications shielded cables are used to minimize noise,
and for best CMR over frequency the shield should he properly
driven. Figures 13 and 14 show active data guards that are config-
ured to improve ac common-mode rejections by “bootstrapping”
the capacitances of input cable shields, thus minimizing the
capacitance mismatch between the inputs.
–INPUT
+INPUT
100
100
100k
100k
–VS
–VS
+VS
VOUT
REFERENCE
AD621
AD648
–
+
Figure 13. Differential Shield Driver, G = 10
AD548
100
– INPUT
+ INPUT
REFERENCE
VOUT
AD621
4
–VS
+VS
8
3
1
2
7
5
6
Figure 14. Common-Mode Shield Driver, G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com