Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR43X2 Datasheet(PDF) 1 Page - International Rectifier

Part # IR43X2
Description  channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR43X2 Datasheet(HTML) 1 Page - International Rectifier

  IR43X2 Datasheet HTML 1Page - International Rectifier IR43X2 Datasheet HTML 2Page - International Rectifier IR43X2 Datasheet HTML 3Page - International Rectifier IR43X2 Datasheet HTML 4Page - International Rectifier IR43X2 Datasheet HTML 5Page - International Rectifier IR43X2 Datasheet HTML 6Page - International Rectifier IR43X2 Datasheet HTML 7Page - International Rectifier IR43X2 Datasheet HTML 8Page - International Rectifier IR43X2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IR43x2
1
www.irf.com
© 2012 International Rectifier
January 2, 2013
Features
x
2 channel integrated analog input Class D audio
amplifier in a small 7 x 7 mm PQFN44 package
x
No mechanical heatsink required
x
High peak music power output
x
Split or single power supply
x
Differential or single-ended input
x
Over-current, over-temperature and under
voltage protections with self-reset feature
x
Start/stop click noise reduction
x
Clip and Fault reporting outputs
x
High noise immunity
x
RoHS compliant
Typical Applications
x
Home theatre systems
x
Docking station audio systems
x
PC audio systems
x
Musical instruments
x
Karaoke amplifiers
x
Game consoles
x
Powered speaker systems
x
General purpose audio power amplifiers
Product Summary
Topology
Half-Bridge,
Full-Bridge
130 W/ 4
IR4302 Output power
(Typical, THD+N=10%)
100 W/ 3
35 W/ 4
IR4322 Output power
(Typical, THD+N=10%)
40 W/ 3
80 W/ 4
IR4312 Output power
(Typical, THD+N=10%)
50 W/ 2
*Residual noise
(AES-17, IHF-A, typical)
250 Vrms
*THD+N
(1kHz, 1W, 4
, typical)
0.02 %
* In typical application example
Package
7x7mm PQFN44L
Typical Connection


Similar Part No. - IR43X2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR43X1 IRF-IR43X1 Datasheet
1Mb / 15P
High peak music power output
More results

Similar Description - IR43X2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU8753 ETC1-NJU8753 Datasheet
104Kb / 7P
Analog Signal Input Class D Amplifier
logo
International Rectifier
IR4301 IRF-IR4301 Datasheet
757Kb / 14P
Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
logo
ILSI America LLC
IL3R ILSI-IL3R Datasheet
46Kb / 2P
4 Pad Plastic Package, 1.4 mm x 7 mm
ILCX04 ILSI-ILCX04 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 5 mm x 7 mm
logo
International Rectifier
IR4301M IRF-IR4301M Datasheet
1Mb / 15P
Integrated analog input Class D audio amplifier in a small 5 x 6 mm PQFN package
IR4302M IRF-IR4302M_13 Datasheet
604Kb / 17P
2 channel integrated analog input Class D audio amplifier in a small 7 x 7 mm PQFN44 package
IRS2052MTRPBF IRF-IRS2052MTRPBF Datasheet
435Kb / 23P
2 channel integrated analog input Class D audio amplifier driver
logo
Texas Instruments
TPS61089 TI1-TPS61089 Datasheet
1Mb / 29P
TPS61089x 12.6-V, 7-A Fully-Integrated Synchronous Boost Converters in 2.0-mm x 2.5-mm VQFN Package
logo
Infineon Technologies A...
IR4301M INFINEON-IR4301M Datasheet
1Mb / 15P
Integrated analog input Class D audio amplifier
April 22, 2013
IR4302M INFINEON-IR4302M Datasheet
604Kb / 17P
2 channel integrated analog input Class D audioamplifier
Apr 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com