Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2432L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2432L-R
Description  The SE2432L is a high performance, fully integrated RF Front End Module designed for ZigBee/Smart Energy applications.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2432L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2432L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
SE2432L: 2.4 GHz Smart Energy/ZigBee Front End Module
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com www.skyworksinc.com
DST-00322  Rev 2.2 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 3, 2012
1 of 14
Applications
Smart Meters
In-home appliances
Smart thermostats
Features
Integrated PA with up to 24 dBm output power
Integrated LNA with programmable bypass
Integrated antenna switching with Tx and Rx
diversity function
Low FEM noise figure of 2 dB typical
Differential Rx/Tx interface with integrated baluns
Fast switch ON/OFF time <800 nsec
2.0 V - 3.6 V supply operation
Sleep mode current 0.05 µA typical
3 x 4 x 0.9 mm 24 pin QFN, NiPdAu plated
Pb-free, RoHS compliant and Halogen free
Ordering Information
Part No.
Package
Remark
SE2432L-S
24 pin QFN
Samples
SE2432L-R
24 pin QFN
Tape & Reel
SE2432L-EK1
N/A
Evaluation kit
Product Description
The SE2432L is a high performance, fully integrated
RF Front End Module designed for ZigBee/Smart
Energy applications.
The SE2432L is designed for ease of use and
maximum flexibility, with integrated fully matched
input baluns, integrated inter-stage matching and
harmonic filter, and digital controls compatible with
1.6 – 3.6 V CMOS levels.
The RF blocks operate over a wide supply voltage
range from 2.0 to 3.6V allowing the SE2432L to be
used in battery powered applications over a wide
spectrum of the battery discharge curve.


Similar Part No. - SE2432L-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2432L-R SKYWORKS-SE2432L-R Datasheet
1Mb / 17P
The Right Products for Your System Applications
More results

Similar Description - SE2432L-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA5620 STMICROELECTRONICS-STA5620 Datasheet
357Kb / 29P
Fully integrated RF front-end for GPS
24-Jul-2007
logo
Skyworks Solutions Inc.
SE2438T SKYWORKS-SE2438T Datasheet
1Mb / 13P
Smart Energy Front-End Module
SKY66108-11 SKYWORKS-SKY66108-11 Datasheet
1Mb / 13P
2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66109-11 SKYWORKS-SKY66109-11_15 Datasheet
555Kb / 14P
2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
logo
Murata Manufacturing Co...
SF1186H MURATA-SF1186H Datasheet
371Kb / 5P
RF Filter Designed for Front End GPS Applications
SF1186H-2 MURATA-SF1186H-2 Datasheet
561Kb / 5P
RF Filter Designed for Front End GPS Applications
SF2217K MURATA-SF2217K Datasheet
475Kb / 5P
Designed for RF Front-end Applications
logo
Skyworks Solutions Inc.
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com