Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD623AR Datasheet(PDF) 12 Page - Analog Devices

Part # AD623AR
Description  Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623AR Datasheet(HTML) 12 Page - Analog Devices

Back Button AD623AR Datasheet HTML 8Page - Analog Devices AD623AR Datasheet HTML 9Page - Analog Devices AD623AR Datasheet HTML 10Page - Analog Devices AD623AR Datasheet HTML 11Page - Analog Devices AD623AR Datasheet HTML 12Page - Analog Devices AD623AR Datasheet HTML 13Page - Analog Devices AD623AR Datasheet HTML 14Page - Analog Devices AD623AR Datasheet HTML 15Page - Analog Devices AD623AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD623
–12–
REV. C
Table I. Required Values of Gain Resistors
Desired
1% Std Table
Calculated Gain
Gain
Value of RG,
Using 1% Resistors
2
100 k
2
5
24.9 k
5.02
10
11 k
10.09
20
5.23 k
20.12
33
3.09 k
33.36
40
2.55 k
40.21
50
2.05 k
49.78
65
1.58 k
64.29
100
1.02 k
99.04
200
499
201.4
500
200
501
1000
100
1001
INPUT AND OUTPUT OFFSET VOLTAGE
The low errors of the AD623 are attributed to two sources,
input and output errors. The output error is divided by the
programmed gain when referred to the input. In practice, the
input errors dominate at high gains and the output errors domi-
nate at low gains. The total VOS for a given gain is calculated as:
Total Error RTI = Input Error + (Output Error/G)
Total Error RTO = (Input Error
× G) + Output Error
RTI offset errors and noise voltages for different gains are shown
below in Table II.
Table II. RTI Error Sources
Max
Max
Total Input
Total Input
Total Input
Offset Error
Offset Drift
Referred Noise
Gain
V
V
V/ C
V/ C
(nV/
√Hz)
AD623A AD623B AD623A AD623B AD623A & AD623B
1
1200
600
12
11
62
2
700
350
7
6
45
5
400
200
4
3
38
10
300
150
3
2
35
20
250
125
2.5
1.5
35
50
220
110
2.2
1.2
35
100
210
105
2.1
1.1
35
1000 200
100
2
1
35
INPUT PROTECTION
Internal supply referenced clamping diodes allow the input,
reference, output and gain terminals of the AD623 to safely
withstand overvoltages of 0.3 V above or below the supplies.
This is true for all gains, and for power on and off. This last
case is particularly important since the signal source and ampli-
fier may be powered separately.
If the overvoltage is expected to exceed this value, the current
through these diodes should be limited to about 10 mA using
external current limiting resistors. This is shown in Figure 42.
The size of this resistor is defined by the supply voltage and the
required overvoltage protection.
VOVER
VOVER
RLIM
RLIM
VOVER VS +0.7V
10mA
RLIM =
1 = 10mA MAX
+VS
VS
OUTPUT
RG
AD623
Figure 42. Input Protection
RF INTERFERENCE
All instrumentation amplifiers can rectify high frequency out-of-
band signals. Once rectified, these signals appear as dc offset
errors at the output. The circuit of Figure 43 provides good RFI
suppression without reducing performance within the in amps
pass band. Resistor R1 and capacitor C1 (and likewise, R2 and
C2) form a low-pass RC filter that has a –3 dB BW equal to:
F = 1/(2
π R1C1). Using the component values shown, this
filter has a –3 dB bandwidth of approximately 40 kHz. Resistors
R1 and R2 were selected to be large enough to isolate the
circuit’s input from the capacitors, but not large enough to
significantly increase the circuit’s noise. To preserve common-
mode rejection in the amplifier’s pass band, capacitors C1 and
C2 need to be 5% or better units, or low cost 20% units can be
tested and “binned” to provide closely matched devices.
Capacitor C3 is needed to maintain common-mode rejection at
the low frequencies. R1/R2 and C1/C2 form a bridge circuit
whose output appears across the in amp’s input pins. Any
mismatch between C1 and C2 will unbalance the bridge and
reduce common-mode rejection. C3 ensures that any RF signals
RG
RG
RG
VIN
+VS
+2.5V TO +6V
VOUT
REF (INPUT)
–VS
0.1 F
10 F
–2.5V TO –6V
REF
OUTPUT
0.1 F
10 F
+3V TO +12V
RG
RG
RG
VIN
+VS
VOUT
REF (INPUT)
REF
OUTPUT
0.1 F
10 F
a. Dual Supply
b. Single Supply
Figure 41. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com