Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD626B Datasheet(PDF) 4 Page - Analog Devices

Part # AD626B
Description  Low Cost, Single Supply Differential Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD626B Datasheet(HTML) 4 Page - Analog Devices

  AD626B Datasheet HTML 1Page - Analog Devices AD626B Datasheet HTML 2Page - Analog Devices AD626B Datasheet HTML 3Page - Analog Devices AD626B Datasheet HTML 4Page - Analog Devices AD626B Datasheet HTML 5Page - Analog Devices AD626B Datasheet HTML 6Page - Analog Devices AD626B Datasheet HTML 7Page - Analog Devices AD626B Datasheet HTML 8Page - Analog Devices AD626B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD626
REV. C
–4–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+36 V
Internal Power Dissipation
2
Peak Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 V
Maximum Reversed Supply Voltage Limit . . . . . . . . . . . . –34 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range (N, R) . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD626A/B . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Descriptions
Options
AD626AN
– 40
°C to +85°C
Plastic DIP
N-8
AD626AR
– 40
°C to +85°C
Small Outline IC
SO-8
AD626BN
– 40
°C to +85°C
Plastic DIP
N-8
AD626AR-REEL
–40
°C to +85°C
13" Tape and Reel
AD626AR-REEL7
–40
°C to +85°C
7" Tape and Reel
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2 8-Lead Plastic Package:
θ
JA = 100°C/W, θJC = 50°C/W.
8-Lead SOIC Package:
θ
JA = 155°C/W, θJC = 40°C/W.
ESD SUSCEPTIBILITY
An ESD classification per method 3015.6 of MIL STD 883C
has been performed on the AD626, which is a Class 1 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com