Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD630 Datasheet(PDF) 3 Page - Analog Devices

Part # AD630
Description  Balanced Modulator/Demodulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630 Datasheet(HTML) 3 Page - Analog Devices

  AD630 Datasheet HTML 1Page - Analog Devices AD630 Datasheet HTML 2Page - Analog Devices AD630 Datasheet HTML 3Page - Analog Devices AD630 Datasheet HTML 4Page - Analog Devices AD630 Datasheet HTML 5Page - Analog Devices AD630 Datasheet HTML 6Page - Analog Devices AD630 Datasheet HTML 7Page - Analog Devices AD630 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD630
REV. C
–3–
PIN CONFIGURATIONS
20-Lead DIP (D-20 and N-20)
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD630
RINA
RIN B
CH B+
CH B–
CH A–
CH A+
DIFF OFF ADJ
DIFF OFF ADJ
RB
RF
RA
CM OFF ADJ
CM OFF ADJ
–VS
SEL B
SEL A
+VS
COMP
VOUT
CHANNEL STATUS B/
A
20-Contact LCC (E-20A)
20 19
1
2
3
18
14
15
16
17
4
5
6
7
8
910 11 12 13
TOP VIEW
(Not to Scale)
AD630
DIFF OFF ADJ
CM OFF ADJ
CM OFF ADJ
CHANNEL STATUS B/A
–VS
CH B+
RIN B
RA
RF
RB
Typical Performance Characteristics
Figure 2. Output Voltage vs.
Resistive Load
Figure 3. Output Voltage Swing
vs. Supply Voltage
Figure 4. Common-Mode
Rejection vs. Frequency
Figure 5.
dVO
dt
vs. Input Voltage
Figure 6. Gain and Phase vs.
Frequency
CHIP METALIZATION AND PINOUT
Dimensions shown in inches and (mm).
Contact factory for latest dimensions
CHIP AVAILABILITY
The AD630 is available in laser trimmed, passivated chip form.
The figure shows the AD630 metalization pattern, bonding pads
and dimensions. AD630 chips are available; consult factory for
details.
Figure 1. Output Voltage vs.
Frequency
FREQUENCY – Hz
15
10
5
1k
10k
1M
100k
RL= 2k
CL = 100pF
2k
5k
5k
Vi
VO
100pF
10
15
5
1
10
100
1k
10k
100k
1M
RESISTIVE LOAD –
CL = 100pF
f = 1kHz
CAP IN
5k
VO
100pF
RL
Vi
5k
10
18
5
0
5
10
15
SUPPLY VOLTAGE –
V
15
5k
100pF
Vi
5k
2k
VO
f = 1kHz
CL = 100pF
FREQUENCY – Hz
120
60
0
110
100k
100
1k
10k
100
80
40
20
INPUT VOLTAGE – V
60
0
–60
–5
–3
4
–2
–1
1
40
20
–40
–20
–4
02
3
5
UNCOMPENSATED
COMPENSATED
FREQUENCY – Hz
120
60
0
1M
100
100
80
20
40
10
1k
100k
10k
UNCOMPENSATED
10M
0
45
90
135
180
COMPENSATED



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com