Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD620B Datasheet(PDF) 13 Page - Analog Devices

Part # AD620B
Description  Low Cost, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620B Datasheet(HTML) 13 Page - Analog Devices

Back Button AD620B Datasheet HTML 8Page - Analog Devices AD620B Datasheet HTML 9Page - Analog Devices AD620B Datasheet HTML 10Page - Analog Devices AD620B Datasheet HTML 11Page - Analog Devices AD620B Datasheet HTML 12Page - Analog Devices AD620B Datasheet HTML 13Page - Analog Devices AD620B Datasheet HTML 14Page - Analog Devices AD620B Datasheet HTML 15Page - Analog Devices AD620B Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD620
REV. E
–13–
Precision V-I Converter
The AD620, along with another op amp and two resistors, makes
a precision current source (Figure 37). The op amp buffers the
reference terminal to maintain good CMR. The output voltage
VX of the AD620 appears across R1, which converts it to a
current. This current less only, the input bias current of the op
amp, then flows out to the load.
AD620
RG
–VS
VIN+
V
IN–
LOAD
R1
I
L
Vx
I =
L
R1
=
IN+
[(V
) – (V
)] G
IN–
R1
6
5
+ V –
X
4
2
1
8
3
7
+VS
AD705
Figure 37. Precision Voltage-to-Current Converter
(Operates on 1.8 mA,
±3 V)
GAIN SELECTION
The AD620’s gain is resistor programmed by RG, or more pre-
cisely, by whatever impedance appears between Pins 1 and 8.
The AD620 is designed to offer accurate gains using 0.1%–1%
resistors. Table II shows required values of RG for various gains.
Note that for G = 1, the RG pins are unconnected (RG = ∞). For
any arbitrary gain RG can be calculated by using the formula:
RG =
49.4 k
G
− 1
To minimize gain error, avoid high parasitic resistance in series
with RG; to minimize gain drift, RG should have a low TC—less
than 10 ppm/
°C—for the best performance.
Table II. Required Values of Gain Resistors
1% Std Table
Calculated
0.1% Std Table
Calculated
Value of RG,
Gain
Value of RG,
Gain
49.9 k
1.990
49.3 k
2.002
12.4 k
4.984
12.4 k
4.984
5.49 k
9.998
5.49 k
9.998
2.61 k
19.93
2.61 k
19.93
1.00 k
50.40
1.01 k
49.91
499
100.0
499
100.0
249
199.4
249
199.4
100
495.0
98.8
501.0
49.9
991.0
49.3
1,003
INPUT AND OUTPUT OFFSET VOLTAGE
The low errors of the AD620 are attributed to two sources,
input and output errors. The output error is divided by G when
referred to the input. In practice, the input errors dominate at
high gains and the output errors dominate at low gains. The
total VOS for a given gain is calculated as:
Total Error RTI = input error + (output error/G)
Total Error RTO = (input error
× G) + output error
REFERENCE TERMINAL
The reference terminal potential defines the zero output voltage,
and is especially useful when the load does not share a precise
ground with the rest of the system. It provides a direct means of
injecting a precise offset to the output, with an allowable range
of 2 V within the supply voltages. Parasitic resistance should be
kept to a minimum for optimum CMR.
INPUT PROTECTION
The AD620 features 400
Ω of series thin film resistance at its
inputs, and will safely withstand input overloads of up to
±15 V
or
±60 mA for several hours. This is true for all gains, and power
on and off, which is particularly important since the signal
source and amplifier may be powered separately. For longer
time periods, the current should not exceed 6 mA (IIN
VIN/400 Ω). For input overloads beyond the supplies, clamping
the inputs to the supplies (using a low leakage diode such as an
FD333) will reduce the required resistance, yielding lower
noise.
RF INTERFERENCE
All instrumentation amplifiers can rectify out of band signals,
and when amplifying small signals, these rectified voltages act as
small dc offset errors. The AD620 allows direct access to the
input transistor bases and emitters enabling the user to apply
some first order filtering to unwanted RF signals (Figure 38),
where RC
1/(2
πf) and where f ≥ the bandwidth of the
AD620; C
≤ 150 pF. Matching the extraneous capacitance at
Pins 1 and 8 and Pins 2 and 3 helps to maintain high CMR.
–IN
1
2
3
4
5
6
7
8
R
R
+IN
C
C
RG
Figure 38. Circuit to Attenuate RF Interference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com