Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7622 Datasheet(PDF) 7 Page - ETAL Group

Part # P7622
Description  The P7622 family comprises of medium current, shielded power choke coil in low profile size.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7622 Datasheet(HTML) 7 Page - ETAL Group

  P7622 Datasheet HTML 1Page - ETAL Group P7622 Datasheet HTML 2Page - ETAL Group P7622 Datasheet HTML 3Page - ETAL Group P7622 Datasheet HTML 4Page - ETAL Group P7622 Datasheet HTML 5Page - ETAL Group P7622 Datasheet HTML 6Page - ETAL Group P7622 Datasheet HTML 7Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PRODUCT DATA SHEET
P7622
Tape and Reel
Tolerance:
M= ±20%
Y= ±30%
See tabulated values for correct
tolerance
Inductance code
Size: (0402, 0412)
Type code
Recommended soldering profile
ETAL Group AB, Box 39 162 11 Vällingby, Sweden
Telephone: +46 8 759 35 00
Fax: +46 8 759 3540
Website: www.etalgroup.com
E-mail: sales.se@etalgroup.com
P7622-□□□□-□□□MT
ORDERING CODE
ETALDOC 1008/1
7 of 7
2/24/2011



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com