Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD630B Datasheet(PDF) 8 Page - Analog Devices

Part # AD630B
Description  Balanced Modulator/Demodulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630B Datasheet(HTML) 8 Page - Analog Devices

  AD630B Datasheet HTML 1Page - Analog Devices AD630B Datasheet HTML 2Page - Analog Devices AD630B Datasheet HTML 3Page - Analog Devices AD630B Datasheet HTML 4Page - Analog Devices AD630B Datasheet HTML 5Page - Analog Devices AD630B Datasheet HTML 6Page - Analog Devices AD630B Datasheet HTML 7Page - Analog Devices AD630B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. C
–8–
AD630
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Lead Ceramic DIP (D-20)
20-Lead Plastic DIP (N-20)
LCC (E-20A)
0.358
(9.09)
MAX
SQ
0.088 (2.24)
0.054 (1.37)
0.100 (2.54)
0.064 (1.63)
0.358 (9.09)
0.342 (8.69)
SQ
0.075
(1.91)
REF
0.075
(1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
BOTTOM
VIEW
0.015 (0.38)
MIN
1
20
13
9
0.028 (0.71)
0.022 (0.56)
0.095 (2.41)
0.075 (1.90)
0.200 (5.08)
BSC
0.100
(2.54)
BSC
0.055 (1.40)
0.045 (1.14)
45
°
TYP
0.150
(3.81)
BSC
0.050
(1.27)
BSC
100
90
10
0%
5V
20V
5V
200 s
2V
0V
0V
0V
0V
BRIDGE EXCITATION
(20V/DIV) (A)
AMPLIFIED BRIDGE
OUTPUT (5V/DIV) (B)
DEMODULATED BRIDGE
OUTPUT (5V/DIV) (C)
FILTER OUTPUT (2V/DIV) (D)
Figure 22. AC Bridge Waveforms
LOCK-IN AMPLIFIER APPLICATIONS
Lock-in amplification is a technique which is used to separate a
small, narrow band signal from interfering noise. The lock-in
amplifiers acts as a detector and narrow band filter combined.
Very small signals can be detected in the presence of large
amounts of uncorrelated noise when the frequency and phase of
the desired signal are known.
The lock-in amplifier is basically a synchronous demodulator
followed by a low-pass filter. An important measure of perfor-
mance in a lock-in amplifier is the dynamic range of its demodu-
lator. The schematic diagram of a demonstration circuit which
exhibits the dynamic range of an AD630 as it might be used in a
lock-in amplifier is shown in Figure 23. Figure 24 is an oscillo-
scope photo showing the recovery of a signal modulated at
400 Hz from a noise signal approximately 100,000 times larger;
a dynamic range of 100 dB.
A
B
10k
100R
C
OUTPUT
LOW PASS
FILTER
A
B
C
R
100R
AD630
10k
5k
2.5k
2.5k
20
19
17
1
16
AD542
13
AD542
14
10
9
CLIPPED
BAND-LIMITED
WHITE NOISE
100dB
ATTENUATION
0.1Hz
MODULATED
400Hz
CARRIER
CARRIER
PHASE
REFERENCE
15
Figure 23. Lock-In Amplifier
100
90
10
0%
5V
5V
5s
5mV
MODULATED SIGNAL (A)
(UNATTENUATED)
ATTENUATED SIGNAL
PLUS NOISE (B)
OUTPUT
Figure 24. Lock-In Amplifier Waveforms
The test signal is produced by modulating a 400 Hz carrier with
a 0.1 Hz sine wave. The signals produced, for example, by
chopped radiation (IR, optical, etc.) detectors may have similar
low frequency components. A sinusoidal modulation is used for
clarity of illustration. This signal is produced by a circuit similar
to Figure 18b and is shown in the upper trace of Figure 24. It is
attenuated 100,000 times normalized to the output, B, of the
summing amplifier. A noise signal which might represent, for
example, background and detector noise in the chopped radia-
tion case, is added to the modulated signal by the summing
amplifier. This signal is simply band limited clipped white noise.
Figure 24 shows the sum of attenuated signal plus noise in the
center trace. This combined signal is demodulated synchro-
nously using phase information derived from the modulator,
and the result is low-pass filtered using a 2-pole simple filter
which also provides a gain of 100 to the output. This recovered
signal is the lower trace of Figure 24.
The combined modulated signal and interfering noise used for
this illustration is similar to the signals often requiring a lock-in
amplifier for detection. The precision input performance of the
AD630 provides more than 100 dB of signal range and its dy-
namic response permits it to be used with carrier frequencies
more than two orders of magnitude higher than in this example.
A more sophisticated low-pass output filter will aid in rejecting
wider bandwidth interference.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com