Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD637 Datasheet(PDF) 2 Page - Analog Devices

Part # AD637
Description  High Precision, Wide-Band RMS-to-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637 Datasheet(HTML) 2 Page - Analog Devices

  AD637 Datasheet HTML 1Page - Analog Devices AD637 Datasheet HTML 2Page - Analog Devices AD637 Datasheet HTML 3Page - Analog Devices AD637 Datasheet HTML 4Page - Analog Devices AD637 Datasheet HTML 5Page - Analog Devices AD637 Datasheet HTML 6Page - Analog Devices AD637 Datasheet HTML 7Page - Analog Devices AD637 Datasheet HTML 8Page - Analog Devices AD637 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AD637–SPECIFICATIONS (@ +25 C, and 15 V dc unless otherwise noted)
REV. E
–2–
AD637J/A
AD637K/B
AD637S
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
TRANSFER FUNCTION
V
OUT
= avg .(V
IN )
2
V
OUT
= avg .(V
IN )
2
V
OUT
= avg .(V
IN )
2
CONVERSION ACCURACY
Total Error, Internal Trim1 (Fig. 2)
1
0.5
0.5
0.2
1
0.5
mV
± % of Reading
TMIN to TMAX
3.0
0.6
2.0
0.3
6
0.7
mV
± % of Reading
vs. Supply, + VIN = +300 mV
30
150
30
150
30
150
µV/V
vs. Supply, – VIN = –300 mV
100
300
100
300
100
300
µV/V
DC Reversal Error at 2 V
0.25
0.1
0.25
% of Reading
Nonlinearity 2 V Full Scale2
0.04
0.02
0.04
% of FSR
Nonlinearity 7 V Full Scale
0.05
0.05
0.05
% of FSR
Total Error, External Trim
±0.5 ± 0.1
± 0.25 ± 0.05
± 0.5 ± 0.1
mV
± % of Reading
ERROR VS. CREST FACTOR3
Crest Factor 1 to 2
Specified Accuracy
Specified Accuracy
Specified Accuracy
Crest Factor = 3
±0.1
± 0.1
± 0.1
% of Reading
Crest Factor = 10
±1.0
± 1.0
± 1.0
% of Reading
AVERAGING TIME CONSTANT
25
25
25
ms/
µF C
AV
INPUT CHARACTERISTICS
Signal Range,
±15 V Supply
Continuous RMS Level
0 to 7
0 to 7
0 to 7
V rms
Peak Transient Input
±15
± 15
± 15
V p-p
Signal Range,
±5 V Supply
Continuous rms Level
0 to 4
0 to 4
0 to 4
V rms
Peak Transient Input
±6
± 6
± 6
V p-p
Maximum Continuous Nondestructive
Input Level (All Supply Voltages)
±15
± 15
± 15
V p-p
Input Resistance
6.4
8
9.6
6.4
8
9.6
6.4
8
9.6
k
Ω
Input Offset Voltage
±0.5
± 0.2
± 0.5
mV
FREQUENCY RESPONSE4
Bandwidth for 1% Additional Error (0.09 dB)
V
IN = 20 mV
11
11
11
kHz
V
IN = 200 mV
66
66
66
kHz
VIN = 2 V
200
200
200
kHz
±3 dB Bandwidth
VIN = 20 mV
150
150
150
kHz
V
IN = 200 mV
1
1
1
MHz
V
IN = 2 V
8
8
8
MHz
OUTPUT CHARACTERISTICS
Offset Voltage
1
0.5
1
mV
vs. Temperature
±0.05
0.089
± 0.04
0.056
± 0.04
0.07
mV/
°C
Voltage Swing,
±15 V Supply,
2 k
Ω Load
0 to +12.0
+13.5
0 to +12.0
+13.5
0 to +12.0
+13.5
V
Voltage Swing,
±3 V Supply,
2 k
Ω Load
0 to +2
+2.2
0 to +2
+2.2
0 to +2
+2.2
V
Output Current
66
6
mA
Short Circuit Current
20
20
20
mA
Resistance, Chip Select “High”
0.5
0.5
0.5
Ω
Resistance, Chip Select “Low”
100
100
100
k
Ω
dB OUTPUT
Error, VIN 7 mV to 7 V rms, 0 dB = 1 V rms
±0.5
± 0.3
± 0.5
dB
Scale Factor
–3
–3
–3
mV/dB
Scale Factor Temperature Coefficient
+0.33
+0.33
+0.33
% of Reading/
°C
–0.033
–0.033
–0.033
dB/
°C
IREF for 0 dB = 1 V rms
5
20
80
520
80
520
80
µA
IREF Range
1
100
1
100
1
100
µA
BUFFER AMPLIFIER
Input Output Voltage Range
–V
S to (+V S
–V
S to (+V S
–V
S to (+VS
– 2.5 V)
– 2.5 V)
– 2.5 V)
V
Input Offset Voltage
±0.8
2
± 0.5
1
± 0.8
2
mV
Input Current
±2
10
± 2
5
± 2
10
nA
Input Resistance
108
108
108
Ω
Output Current
(+5 mA,
(+5 mA,
(+5 mA,
–130
µA)
–130
µA)
–130
µA)
Short Circuit Current
20
20
20
mA
Small Signal Bandwidth
1
1
1
MHz
Slew Rate5
55
5
V/
µs
DENOMINATOR INPUT
Input Range
0 to +10
0 to +10
0 to +10
V
Input Resistance
20
25
30
20
25
30
20
25
30
k
Ω
Offset Voltage
±0.2
±0.5
± 0.2
± 0.5
± 0.2
± 0.5
mV
CHIP SELECT PROVISION (CS)
RMS “ON” Level
Open or +2.4 V < VC < +VS
Open or +2.4 V < VC < +VS
Open or +2.4 V < VC < +VS
RMS “OFF” Level
V
C < +0.2 V
V
C < +0.2 V
V
C < +0.2 V
I
OUT of Chip Select
CS “LOW”
10
10
10
µA
CS “HIGH”
Zero
Zero
Zero
On Time Constant
10
µs + ((25 kΩ) × C
AV )
10
µs + ((25 kΩ) × C
AV )
10
µs + ((25 kΩ) × C
AV )
Off Time Constant
10
µs + ((25 kΩ) × C
AV )
10
µs + ((25 kΩ) × C
AV )
10
µs + ((25 kΩ) × C
AV )
POWER SUPPLY
Operating Voltage Range
3.0
18
3.0
18
3.0
18
V
Quiescent Current
2.2
3
2.2
3
2.2
3
mA
Standby Current
350
450
350
450
350
450
µA
TRANSISTOR COUNT
107
107
107



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com