Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7635 Datasheet(PDF) 1 Page - ETAL Group

Part # P7635
Description  SMD POWER CHOKE COIL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7635 Datasheet(HTML) 1 Page - ETAL Group

  P7635 Datasheet HTML 1Page - ETAL Group P7635 Datasheet HTML 2Page - ETAL Group P7635 Datasheet HTML 3Page - ETAL Group P7635 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATA SHEET
SMD POWER CHOKE COIL
P7635 Family
Features
Applications
Lead free (Pb-free)
Computer notebook
RoHS compliant
DC/DC Converters
Resistance to solder heat: 260ºC , 40 Sec. max.
LED TV
Surface Mount
FPGA Application
Low profile
VGA Card
Flat top for pick & place
Shielded
The P7635 family comprises of high current shielded
The P7635 family is compliant with RoHS Directive
power choke coil in low profile size.
2002/95/EC and suitable for lead-free and conventional
placement and reflow.
The range covers inductance values from 0.072µH to 0.150µH,
wherein each inductance values are available in two DCR
ratings, and provides compact solutions for medium power
applications.
DESCRIPTION
ETALDOC 1021/1
1 of 4
20/03/2012


Similar Part No. - P7635

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7631 ETAL-P7631 Datasheet
434Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
logo
TEKTRONIX, INC.
P7633 TEKTRONIX-P7633 Datasheet
516Kb / 10P
P7600 Series TriMode??Probes
logo
ETAL Group
P7636 ETAL-P7636 Datasheet
605Kb / 4P
HIGH CURRENT MOLDED POWER INDUCTOR
P7637 ETAL-P7637 Datasheet
317Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
P7638 ETAL-P7638 Datasheet
289Kb / 5P
HIGH CURRENT MOLDED POWER INDUCTOR
More results

Similar Description - P7635

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC0312HR47MF SUPERWORLD-PIC0312HR47MF Datasheet
1Mb / 8P
SMD Power Choke Coil
PIC0315HR47MF SUPERWORLD-PIC0315HR47MF Datasheet
1Mb / 7P
SMD Power Choke Coil
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
SMD Power Choke Coil
PIC0412HPR10YF SUPERWORLD-PIC0412HPR10YF Datasheet
527Kb / 8P
SMD Power Choke Coil
PIC0615HR15MF SUPERWORLD-PIC0615HR15MF Datasheet
531Kb / 8P
SMD Power Choke Coil
PIC1003HR15MF SUPERWORLD-PIC1003HR15MF Datasheet
529Kb / 8P
SMD Power Choke Coil
PIC1205HPR20MF SUPERWORLD-PIC1205HPR20MF Datasheet
668Kb / 10P
SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC0415HP TAI-TECH-TMPC0415HP Datasheet
480Kb / 2P
SMD Power Choke Coil
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
SMD Power Choke Coil
TMPC8040HP TAI-TECH-TMPC8040HP Datasheet
755Kb / 3P
SMD Power Choke Coil
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com