Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD641A Datasheet(PDF) 4 Page - Analog Devices

Part # AD641A
Description  250 MHz Demodulating Logarithmic Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD641A Datasheet(HTML) 4 Page - Analog Devices

  AD641A Datasheet HTML 1Page - Analog Devices AD641A Datasheet HTML 2Page - Analog Devices AD641A Datasheet HTML 3Page - Analog Devices AD641A Datasheet HTML 4Page - Analog Devices AD641A Datasheet HTML 5Page - Analog Devices AD641A Datasheet HTML 6Page - Analog Devices AD641A Datasheet HTML 7Page - Analog Devices AD641A Datasheet HTML 8Page - Analog Devices AD641A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. C
AD641
–4–
–Typical DC Performance Characteristics
1.015
1.010
1.005
1
0.995
0.990
0.985
0.980
–60 –40 –20
0
20
40 60 80 100 120 140
TEMPERATURE – C
Figure 1. Slope Current, IY, vs.
Temperature
4.5
5.0
5.5
6.0
6.5
7.0
7.5
POWER SUPPLY VOLTAGES –
Volts
1.015
1.010
1.005
1.000
0.995
0.990
0.985
Figure 4. Intercept Voltage, VX, vs.
Supply Voltages
INPUT VOLTAGE – mV
(EITHER SIGN)
2
1.0
0.1
1.0
1000.0
10.0
100.0
1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.8
0.6
0.4
0.2
0
–0.2
–0.4
0
Figure 7. DC Logarithmic Transfer
Function and Error Curve for Single
AD641
1.20
1.15
1.10
1.05
1.00
0.95
0.90
–60 –40 –20
0
20
40 60 80 100 120 140
TEMPERATURE – C
0.85
Figure 2. Intercept Voltage, VX, vs.
Temperature
14
13
12
11
10
9
8
7
–60 –40 –20 0
20
40
60 80 100 120 140
TEMPERATURE – C
Figure 5. Intercept Voltage (Using
Attenuator) vs. Temperature
2.5
2.0
1.5
1.0
0.5
–60 –40 –20
0
20 40 60
80 100 120 140
TEMPERATURE – C
0
Figure 8. Absolute Error vs. Tempera-
ture, VIN = ±1 mV to ±100 mV
4.5
5.0
5.5
6.0
6.5
7.0
7.5
POWER SUPPLY VOLTAGES –
Volts
1.006
1.004
1.002
1.000
0.998
0.996
0.994
Figure 3. Slope Current, IY, vs. Supply
Voltages
–60 –40 –20
0
20
40
60 80 100 120 140
TEMPERATURE – C
0
–0.1
+0.4
+0.3
+0.2
+0.1
–0.2
–0.3
INPUT OFFSET VOLTAGE
DEVIATION WILL BE WITHIN
SHADED AREA.
Figure 6. Input Offset Voltage Devia-
tion vs. Temperature
2.5
2.0
1.5
1.0
0.5
–60 –40 –20
0
20
40 60
80 100 120 140
TEMPERATURE – C
0
Figure 9. Absolute Error vs. Tempera-
ture, Using Attenuator. VIN = ±10 mV
to
±1 V, Pin 8 Grounded to Disable ITC
Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com