Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6459 Datasheet(PDF) 3 Page - Analog Devices

Part # AD6459
Description  GSM 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6459 Datasheet(HTML) 3 Page - Analog Devices

  AD6459 Datasheet HTML 1Page - Analog Devices AD6459 Datasheet HTML 2Page - Analog Devices AD6459 Datasheet HTML 3Page - Analog Devices AD6459 Datasheet HTML 4Page - Analog Devices AD6459 Datasheet HTML 5Page - Analog Devices AD6459 Datasheet HTML 6Page - Analog Devices AD6459 Datasheet HTML 7Page - Analog Devices AD6459 Datasheet HTML 8Page - Analog Devices AD6459 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD6459
–3–
REV. 0
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD6459 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage VPS1, VPS2 to COM1, COM2 . . . . . +5.5 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . 600 mW
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature, Soldering (60 sec) . . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only, and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended rating conditions for extended periods
may affect device reliability.
2Thermal Characteristics: 20-lead SSOP package:
θ
JA = 126°C/W.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD6459ARS
–25
°C to +85°C
20-Pin Plastic
RS-20
for 2.7 V to 5.5 V
SSOP
–40
°C to +85°C
for 3.3 V to 5.5 V
PIN DESCRIPTIONS
Pin
Pin
Label
Description
Function
1
FREF
Frequency Reference Input
Demodulation LO Input. May either be 3 V CMOS input or >100 mV p-p.
AC-coupled for lowest stand by current.
2
COM1
Common 1
Ground.
3
PRUP
Power Up Input
CMOS Compatible Power-Up Control; <1.5 V = OFF, >1.5 V = ON.
4
LOIP
Local Oscillator Input
AC-Coupled LO Input. 50 mV p-p drive needed, 500 mV p-p max.
5
RFLO
RF “Low” Input
Mixer Differential Input. AC-coupled.
6
RFHI
RF “High” Input
Mixer Differential Input. AC-coupled.
7
COM2
Common 2
Ground.
8
GREF
Gain Reference Input
High Impedance Input. Sets gain scaling, typically 1.2 V.
9
MXOP
Mixer Output “Plus”
Differential Output of the Mixer. See Figure 22.
10
MXOM
Mixer Output “Minus”
Differential Output of the Mixer. See Figure 22.
11
IFIP
IF Input “Plus”
Differential Input of Variable Gain Amplifier. AC-coupled.
12
IFIM
IF Input “Minus”
Differential Input of Variable Gain Amplifier. AC-coupled.
13
GAIN
Gain Control Input
0.2 V–2.4 V Using 3 V Supply. Max gain at 0.2 V.
14
QRXN
Q Output “Negative”
Differential Q Output. Output resistance 4.7 k
Ω.
15
QRXP
Q Output “Positive”
Differential Q Output. Output resistance 4.7 k
Ω.
16
IRXN
I Output “Negative”
Differential I Output. Output resistance 4.7 k
Ω.
17
IRXP
I Output “Positive”
Differential I Output. Output resistance 4.7 k
Ω.
18
VPS2
VPOS Supply 2
Supply Voltage.
19
FLTR
PLL Loop Filter
Series RC Loop Filter. Connected to VPS2.
20
VPS1
VPOS Supply 1
Supply Voltage.
PIN CONNECTION
20-Pin SSOP (RS-20)
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD6459
FREF
IRXP
VPS2
FLTR
VPS1
COM1
PRUP
LOIP
QRXN
QRXP
IRXN
RFLO
RFHI
COM2
GREF
MXOP
MXOM
IFIP
IFIM
GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com