Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG4802CS Datasheet(PDF) 1 Page - Allied Components International

Part # AG4802CS
Description  100/1000 Base T Dual Port LAN Filter Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AG4802CS Datasheet(HTML) 1 Page - Allied Components International

  AG4802CS Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 12/04/12
ALLIED
AG4802CS
SCHEMATICS
Dimensions:mm( inch)
Unless otherwise specified, all tolerances are ±0.25(0.010)
DATECODE
27.80(1.094)
12.20
(0.480)
23.46(0.924)
15.20
(0.598)
7.20
(0.283)
0.25±0.13(0.010±0.005)
1.02
(0.040)
0.38(0.015)
0.90(0.035)
0°~8°
15.90
(0.626)
1.02(0.040)
0.64(0.025)
12.50
(0.492)
23.46(0.924)
All specifications subject to change without notice.
MECHANICAL
100/1000 Base T Dual Port LAN Filter Module
AG4802CS
Polarity: 2-47, 5-44, 8-41, 11-38, 14-35, 17-32,
17-32, 20-29, 23-26 In-Phase
LL: 0.5µH Max @ 100KHz, 0.2V
DCR: 1.4
Cw/w: 25PF TYP @ 100KHz, 0.2V
Max
Operating Temp: 0ºC to +70ºC
Ethernet based Lan, WAN and other networking applications
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.2V
Turns Ratio
chip: cable
(±5%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
0.3-100MHz
0.3-30MHz
40MHz
AG4802CS
350
1CT:1CT
-1.0
-16
-14.4
60-80MHz
-12
50MHz
-13.1
Part
Number
AG4802CS
100MHz
-10
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
HI-POT
(Vrms)
-35
1500
0.3-30MHz
0.3-30MHz
-40
100MHz
-30
Common Mode Rejection
(dB Min)
100MHz
-30
30MHz
-40
60MHz
Isolation
60MHz
-35
Ω


Similar Part No. - AG4802CS

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AG4802CI ALLIED-AG4802CI Datasheet
326Kb / 1P
100/1000 Base T Dual Port LAN Filter Module
More results

Similar Description - AG4802CS

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AG2401CI ALLIED-AG2401CI Datasheet
532Kb / 1P
100/1000 Base T Single Port LAN Filter Module
AG2405CI ALLIED-AG2405CI Datasheet
485Kb / 1P
10/100/1000 Base T Single Port LAN Filter Module
AG2405CS ALLIED-AG2405CS Datasheet
494Kb / 1P
100/1000 Base T Single Port LAN Filter Module
AG2407SI ALLIED-AG2407SI Datasheet
490Kb / 1P
100/1000 Base T Single Port LAN Filter Module
AG4802CI ALLIED-AG4802CI Datasheet
326Kb / 1P
100/1000 Base T Dual Port LAN Filter Module
AGSC-2401BS ALLIED-AGSC-2401BS Datasheet
299Kb / 1P
100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2404S ALLIED-AGSC-2404S Datasheet
293Kb / 1P
100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-2411I ALLIED-AGSC-2411I Datasheet
289Kb / 1P
100/1000 Base T Gigabit Single Port LAN Filter Module
AGSC-4811I ALLIED-AGSC-4811I Datasheet
421Kb / 1P
100/1000 Base T Gigabit Dual Port LAN Filter Module
AGTS-8806S ALLIED-AGTS-8806S Datasheet
559Kb / 1P
100/1000 BASE T Gigabit Quad Port LAN Filter Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com