Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD650K Datasheet(PDF) 9 Page - Analog Devices

Part # AD650K
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650K Datasheet(HTML) 9 Page - Analog Devices

Back Button AD650K Datasheet HTML 4Page - Analog Devices AD650K Datasheet HTML 5Page - Analog Devices AD650K Datasheet HTML 6Page - Analog Devices AD650K Datasheet HTML 7Page - Analog Devices AD650K Datasheet HTML 8Page - Analog Devices AD650K Datasheet HTML 9Page - Analog Devices AD650K Datasheet HTML 10Page - Analog Devices AD650K Datasheet HTML 11Page - Analog Devices AD650K Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD650
REV. C
–9–
scale, if the maximum frequency error is 5 Hz, the nonlinearity
would be specified as 50 ppm or 0.005%. Typically on the
100 kHz scale, the nonlinearity is positive and the maximum
value occurs at about midscale (Figure 9a). At higher full-scale fre-
quencies, (500 kHz to 1 MHz), the nonlinearity becomes “S”
shaped and the maximum value may be either positive or nega-
tive. Typically, on the 1 MHz scale (RIN = 16.9k, COS = 51 pF)
the nonlinearity is positive below about 2/3 scale and is negative
above this point. This is shown graphically in Figure 9b.
PSRR
The power supply rejection ratio is a specification of the change
in gain of the AD650 as the power supply voltage is changed.
The PSRR is expressed in units of parts-per-million change of
the gain per percent change of the power supply—ppm/%. For
example, consider a VFC with a 10 volt input applied and an
output frequency of exactly 100 kHz when the power supply
potential is
±15 volts. Changing the power supply to ±12.5 volts
is a 5 volt change out of 30 volts, or 16.7%. If the output frequency
changes to 99.9 kHz, the gain has changed 0.1% or 1000 ppm.
The PSRR is 1000 ppm divided by 16.7% which equals 60 ppm/%.
The PSRR of the AD650 is a function of the full-scale operating
frequency. At low full-scale frequencies the PSRR is determined
by the stability of the reference circuits in the device and can be
very good. At higher frequencies there are dynamic errors which
become more important than the static reference signals, and
consequently the PSRR is not quite as good. The values of PSRR
are typically 0
± 20 ppm/% at 10 kHz full-scale frequency (RIN
= 40 k, COS = 3300 pF). At 100 kHz (RIN = 40k, COS = 330 pF)
the PSRR is typically +80
± 40 ppm/%, and at 1 MHz (RIN =
16.9 k
Ω, COS = 51 pF) the PSRR is +350 ± 50 ppm/%. This
information is summarized graphically in Figure 10.
Figure 10. PSRR vs. Full-Scale Frequency
OTHER CIRCUIT CONSIDERATIONS
The input amplifier connected to Pins 1, 2 and 3 is not a standard
operational amplifier. Rather, the design has been optimized for
simplicity and high speed. The single largest difference between
this amplifier and a normal op amp is the lack of an integrator
(or level shift) stage. Consequently the voltage on the output
(Pin 1) must always be more positive than 2 volts below the
inputs (Pins 2 and 3). For example, in the F-to-V conversion
mode, see Figure 6, the noninverting input of the op amp (Pin 2) is
grounded, which means that the output (Pin 1) will not be able
to go below –2 volts. Normal operation of the circuit as shown
in the figure will never call for a negative voltage at the output
but one may imagine an arrangement calling for a bipolar out-
put voltage (say
±10 volts) by connecting an extra resistor from
Pin 3 to a positive voltage. This will not work.
Care should be taken under conditions where a high positive
input voltage exists at or before power up. These situations can
cause a latch up at the integrator output (Pin 1). This is a non-
destructive latch and, as such, normal operation can be restored
by cycling the power supply. Latch up can be prevented by
connecting two diodes (e.g., 1N914 or 1N4148) as shown in
Figure 4, thereby, preventing Pin 1 from swinging below Pin 2.
A second major difference is that the output will only sink 1 mA
to the negative supply. There is no pulldown stage at the output
other than the 1 mA current source used for the V-to-F conver-
sion. The op amp will source a great deal of current from the
positive supply, and it is internally protected by current limiting.
The output of the op amp may be driven to within 3 volts of the
positive supply when it is not sourcing external current. When
sourcing 10 mA the output voltage may be driven to within
6 volts of the positive supply.
A third difference between this op amp and a normal device is
that the inverting input, Pin 3, is bias current compensated and
the noninverting input is not bias current compensated. The
bias current at the inverting input is nominally zero, but may be
as much as 20 nA in either direction. The noninverting input
typically has a bias current of 40 nA that always flows into the
node (an npn input transistor). Therefore, it is not possible to
match input voltage drops due to bias currents by matching
input resistors.
The op amp has provisions for trimming the input offset volt-
age. A potentiometer of 20 k
Ω is connected to Pins 13 and 14
and the wiper is connected to the positive supply through a
250 k
Ω resistor. A potential of about 0.6 volt is established
across the 250 k
Ω resistor, and the 3 µA current is injected into
the null pins. It is also possible to null the op amp offset voltage
by using only one of the null pins and use a bipolar current
either into or out of the null pin. The amount of current required
will be very small—typically less than 3
µA. This technique is
shown in the applications section of this data sheet: the autozero
circuit uses this technique.
The bipolar offset current is activated by connecting a 1.24 k
Ω
resistor between Pin 4 and the negative supply. The resultant
current delivered to the op amp noninverting input is nominally
0.5 mA and has a tolerance of
±10%. This current is then used
to provide an offset voltage when Pin 2 is tied to ground through a
resistor. The 0.5 mA which appears at Pin 2 is also flowing through
the 1.24 k
Ω resistor and this current may be by observing the
voltage across the 1.24 k
Ω resistor. An external resistor is used
to activate the bipolar offset current source to provide the lowest
tolerance and temperature drift of the resultant offset voltage. It
is possible to use other values of resistance between Pin 4 and –VS
to obtain a bipolar offset current different than 0.5 mA. Fig-
ure 11 is a graph of the relationship between the bipolar offset
current and the value of the resistor used to activate the source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com