Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD660 Datasheet(PDF) 8 Page - Analog Devices

Part # AD660
Description  Monolithic 16-Bit Serial/Byte DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD660 Datasheet HTML 4Page - Analog Devices AD660 Datasheet HTML 5Page - Analog Devices AD660 Datasheet HTML 6Page - Analog Devices AD660 Datasheet HTML 7Page - Analog Devices AD660 Datasheet HTML 8Page - Analog Devices AD660 Datasheet HTML 9Page - Analog Devices AD660 Datasheet HTML 10Page - Analog Devices AD660 Datasheet HTML 11Page - Analog Devices AD660 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD660
REV. A
–8–
Figure 5 shows the AD660 using the AD586 precision 5 V refer-
ence in the bipolar configuration. The highest grade AD586MN
is specified with a drift of 2 ppm/
°C which is a 7.5× improve-
ment over the AD660’s internal reference. This circuit includes
two optional potentiometers and one optional resistor that can
be used to adjust the gain, offset and bipolar zero errors in a
manner similar to that described in the BIPOLAR CONFIGU-
RATION section. Use –5.000000 V and +4.999847 as the out-
put values.
The AD660 can also be used with the AD587 10 V reference,
using the same configuration shown in Figure 5 to produce a
±10 V output. The highest grade AD587LR, N is specified at
5 ppm/
°C, which is a 3× improvement over the AD660’s inter-
nal reference.
Figure 6 shows the AD660 using the AD680 precision
±10 V
reference, in the unipolar configuration. The highest grade
AD688BQ is specified with a temperature coefficient of
1.5 ppm/
°C. The ±10 V output is also ideal for providing pre-
cise biasing for the offset trim resistor R4.
16-BIT LATCH
16-BIT DAC
CONTROL
LOGIC
+10V REF
16-BIT LATCH
20
24
22
21
5
11
12
16
15
14
13
17
18
19
23
AD660
10k
10.05k
10k
HBE
LBE
CS
SIN/
DB0
MSB/LSB/
DB1
DB7
S
OUT
SPAN/
BIP OFF
V
OUT
AGND
REF OUT
REF IN
LDAC
CLR
SER
DGND
–V
EE
+V
CC
+V
LL
1
2
3
4
OUTPUT
R2
50
Ω
5
6
4
2
AD586
GND
TRIM
V
OUT
+V
CC
R2
10k
Ω
R1
100
Ω
UNI/BIP CLR/
Figure 5. Using the AD660 with the AD586 5 V Reference
16-BIT LATCH
16-BIT DAC
CONTROL
LOGIC
+10V REF
16-BIT LATCH
20
24
22
21
5
11
12
15
14
13
17
18
19
23
AD660
10k
10.05k
10k
HBE
LBE
CS
SIN/
DB0
DB7
S
OUT
SPAN/
BIP OFF
V
OUT
AGND
REF OUT
REF IN
LDAC
CLR
SER
–V
EE
+V
CC
+V
LL
1
2
3
4
MSB/LSB/
DB1
OUTPUT
0 TO +10V
R4
10k
Ω
R2
100
Ω
R3
10k
R1
100
Ω
+VCC
–VEE
R1
R2
R5
R6
R3
AD688
A3
A1
A4
A2
R4
RS
1
15
14
2
16
11 13
3
4
6
7
8
9
12
5
10
UNI/BIP CLR/
16
DGND
Ω
Figure 6. Using the AD660 with the AD688 High Precision
±10 V Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com