Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPDQ3V3-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDQ3V3-HF
Description  IEC61000-4-2 Level 4 ESD protection.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQ3V3-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDQ3V3-HF Datasheet HTML 1Page - Comchip Technology CPDQ3V3-HF Datasheet HTML 2Page - Comchip Technology CPDQ3V3-HF Datasheet HTML 3Page - Comchip Technology CPDQ3V3-HF Datasheet HTML 4Page - Comchip Technology CPDQ3V3-HF Datasheet HTML 5Page - Comchip Technology CPDQ3V3-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RATING AND CHARACTERISTIC CURVES (CPDQ3V3-HF)
SMD ESD Protection Diode
Page 2
Comchip Technology CO., LTD.
REV:
QW-JPXXX
Fig. 1 - Pulse Waveform
t-Time, (us)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
Ta=25°C
Peak Valur Ipp
Test Waveform
parameters
tf=8us
td=20us
e-t
td= t Ipp/2
Fig. 2 - Power Derating Curve
Lead Temperature, TL ( °C )
20
40
0
0
25
50
100
150
75
125
80
100
60
Peak Valur Ipp
8/20us
Average Power



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com