Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6623 Datasheet(PDF) 22 Page - Analog Devices

Part # AD6623
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6623 Datasheet HTML 18Page - Analog Devices AD6623 Datasheet HTML 19Page - Analog Devices AD6623 Datasheet HTML 20Page - Analog Devices AD6623 Datasheet HTML 21Page - Analog Devices AD6623 Datasheet HTML 22Page - Analog Devices AD6623 Datasheet HTML 23Page - Analog Devices AD6623 Datasheet HTML 24Page - Analog Devices AD6623 Datasheet HTML 25Page - Analog Devices AD6623 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
REV. 0
AD6623
–22–
CIC Scaling
The scale factor SCIC is a programmable unsigned integer
between 4 and 32. This is a combined scaler for the CIC5 and
rCIC2 stages. The overall gain of the CIC section is given by
the equation below
CIC Gain
L
L
CIC
rCIC
S
CIC
_
–
=×
×
5
4
2
2
(10)
CIC5
The first CIC filter stage, the CIC5, is a fifth order interpolating
cascaded integrator comb whose impulse response is completely
defined by its interpolation factor, LCIC5. The value LCIC5–1 can
be independently programmed for each channel at location 0xn09.
2–SCIC
MrCIC
2
LrCIC
2
LCIC5
CIC_SCALE
rCIC2
CIC5
Figure 26. CIC5
While this control register is 8 bits wide, LCIC5 should be confined
to the range from 1 to 32 to avoid the possibility of internal
overflow for full scale inputs. The output rate of this stage is given
by the equation below.
ff
L
CIC
CIC
CIC
25
5
=×
(11)
The transfer function of the CIC5 is given by the following
equations with respect to the CIC5 output sample rate, fsamp5.
CIC
z
z
z
L
CIC
5
1
1
5
1
5
()
–
–
–
–
=


(12)
The SCIC value can be independently programmed for each
channel at Control Register 0xn06. SCIC may be safely calculated
according to equation (13) below to ensure the net gain through
the CIC stages.
SCIC serves to frame which bits of the CIC output are transferred
to the NCO stage. This results in controlling the data out of the
CIC stages in 6 dB Increments. For the best dynamic range, SCIC
should be set to the smallest value possible (lowest attenuation)
without creating an overflow condition. This can be safely
accomplished using the equation below. To ensure the CIC
output data is in range, equation (13) must always be met. The
maximum total interpolation rate may be limited by the amount
of scaling available.
S
ceil
L
L
CIC
CIC
CIC
≥×
()+ ()
()
4
25
22
log
log
(13)
058
≤≤
S
CIC
(14)
This polynomial fraction can be completely reduced as follows
demonstrating a finite impulse response with perfect phase
linearity for all values of LCIC5.
CIC
z
z
z
e
k
k
L
j
k
L
k
L
CIC
CIC
CIC
5
0
1
5
1
2
1
1
5
5
5
5
()
–
–
–
–
–
=
∑


=
∑
==
π
(15)
The frequency response of the CIC5 can be expressed as follows.
The initial 1/LCIC5 factor normalizes for the increased rate,
which is appropriate when the samples are destined for a DAC
with a zero order hold output. The maximum gain is LCIC5
4 at
baseband, but internal registers peak in response to various
dynamic inputs. As long as LCIC5 is confined to 32 or less, there
is no possibility of overflow at any register.
CIC
f
L
Lf
f
f
f
CIC
CIC
CIC
CIC
5
1
5
5
5
5
5
()
=
×




sin
sin
π
π
(16)
The pass band droop of CIC5 should be calculated using this equation
and can be compensated for in the RCF stage. The gain should
be calculated from the CIC scaling section above.
As an example, consider an input from the RCF whose bandwidth
is 0.141 of the RCF output rate, centered at baseband. Interpolation
by a factor of five reveals five images, as shown below.
10
–10
–30
–33
–2
–1
012
–50
–70
–90
–110
–130
–150
Figure 27. Interpolation Images
The CIC5 rejects each of the undesired images while passing the
image at baseband. The images of a pure tone at channel center
(DC) are nulled perfectly, but as the bandwidth increases the
rejection is diminished. The lower band edge of the first image
always has the least rejection. In this example, the CIC5 is inter-
polating by a factor of five and the input signal has a bandwidth
of 0.141 of the RCF output sample rate. The plot below shows
–110 dBc rejection of the lower band edge of the first image. All
other image frequencies have better rejection.
10
–10
–30
–33
–2
–1
012
–50
–70
–90
–110
–130
–150
Figure 28. –110 dBc Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com