Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5490 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 39Page - Cirrus Logic CS5490 Datasheet HTML 40Page - Cirrus Logic CS5490 Datasheet HTML 41Page - Cirrus Logic CS5490 Datasheet HTML 42Page - Cirrus Logic CS5490 Datasheet HTML 43Page - Cirrus Logic CS5490 Datasheet HTML 44Page - Cirrus Logic CS5490 Datasheet HTML 45Page - Cirrus Logic CS5490 Datasheet HTML 46Page - Cirrus Logic CS5490 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
CS5490
DS982F2
43
6.6.25 Voltage Sag Level (VSagLEVEL) – Page 17, Address 1
Default = 0x00 0000
Voltage sag level, VSagLEVEL, establishes an input level below which a sag event is triggered.
This is a two's complement value in the range of -1.0
 value  1.0, with the binary point to the right of the
MSB. Negative values are not used.
6.6.26 Current Overcurrent Duration (IOverDUR ) – Page 17, Address 4
Default = 0x00 0000
Overcurrent duration, IOverDUR, determines the count of output word rate (OWR) samples utilized to deter-
mine an overcurrent event.
These are integers in the range of 0 to 8,388,607 samples. A value of zero disables the feature.
6.6.27 Current Overcurrent Level (IOverLEVEL ) – Page 17, Address 5
Default = 0x7F FFFF
Overcurrent level, IOverLEVEL, establishes an input level above which an overcurrent event is triggered.
This is a two's complement value in the range of -1.0
 value  1.0, with the binary point to the right of the
MSB. Negative values are not used.
6.6.28 Voltage Swell Duration (VSwellDUR ) – Page 18, Address 46
Default = 0x00 0000
Voltage swell duration, VSwellDUR, determines the count of output word rate (OWR) samples used to deter-
mine a swell event.
These are integers in the range of 0 to 8,388,607 samples. A value of zero disables the feature.
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
0
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com