| Electronic Components Datasheet Search |
|
AD6620PCB Datasheet(PDF) 41 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6620PCB Datasheet(HTML) 41 Page - Analog Devices |
|
41 / 43 page ![]() AD6620 –41– REV. 0 the outputs. Since the devices are operated in Single Channel Real mode, this signal will be high for two clock cycles while two pieces of data are written to the output. The output pairs consist of I followed by Q. As each chip’s DVOUT cycles high, its data should be connected to the output bus as shown below. This effectively forms a MUX that sequentially cycles the out- put of each of the AD6620s in the system to the output port. The only remaining issue is retiming the data. Since each AD6620 clocks its data out in two clock cycles, there will be six cycles where the data is idle. During this period, the last Q out will remain valid until the next chip in the sequence generates its DVOUT signal. This normally should pose no problem, but if it does, the output data could easily go to a FIFO and be retimed so that output data streams at a regular rate. DOUT1 CLOCK DVOUT1 OE INPUT LATCHING DOUT1 CLOCK DVOUT2 OE INPUT LATCHING DOUT1 CLOCK DVOUT3 OE INPUT LATCHING DOUT1 CLOCK DVOUT4 OE INPUT LATCHING OUTPUT LATCHING Figure 59. Parallel Procession Output Selector CLOCK DVOUT1 DVOUT2 DVOUT3 DVOUT4 AD6620–1 AD6620–2 AD6620–3 AD6620–4 SELECTOR OUTPUT Q I Q IQ I Q I Q I Q I Q I Q I ‘ Figure 60. Timing for Parallel Processing In the Output Selector above each of the DVOUT lines is ANDed with main clock. This allows the data out of each of the AD6620s to be properly latched into the input latches. The DVOUT line is also responsible for placing the latched outputs on the internal bus at the proper time. This data is then latched in the output latch using the internal ORed clocking signals. The timing for these events is shown in Figure 60. As shown, the system clock is run at the specified rate. Then the RCF timing control state machine is responsible for generating the appropriate sync pulses. When each AD6620 completes its SOP computation, it generates the DVOUT pulses shown below. Con- currently, each chip places its IQ data on the output pins of that device. With this data, the output selector state machine com- bines all of the data and places the data on the output bus. Using the AD6620 in a Narrow Band System A typical interconnection between the AD6600, AD6620 and a General Purpose DSP. This is an example of an IF sampling narrow-band system and offers many technical and cost advan- tages over traditional solutions. In this example, the AD6620 is in Diversity Channel Real Mode, with the AD6600 sampling a diversity antenna on its B channel. The AD6620 performs float- ing-point to fixed-point conversion, digital tuning, digital filter- ing and decimation of the A/D output data. MAIN INPUT DIVERSITY INPUT 2 CLK A/B OUT 3 RSSI BITS 11 DATA BITS ENCODE SCLK SDI SDO SDFS CLK A/B E[2...0] IN[15...5] AD6620 AD6600 SCLK SDO SDI SDFS DSP Figure 61. Implementation of a Narrow Band Receiver The 2 × CLK on the AD6600 is used as the processing CLK of the AD6620. The use of this faster clock allows the RCF filter to process up to twice as many taps per sample. The increased number of taps available helps to improve the filter characteris- tics. In some applications an even faster processing clock may be necessary to allow for improved digital filter performance. In this case the A/B pin of the AD6620 must be toggled when each channel input is to be sampled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |