Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6630 Datasheet(PDF) 6 Page - Analog Devices

Part # AD6630
Description  Differential, Low Noise IF Gain Block with Output Clamping
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6630 Datasheet(HTML) 6 Page - Analog Devices

  AD6630 Datasheet HTML 1Page - Analog Devices AD6630 Datasheet HTML 2Page - Analog Devices AD6630 Datasheet HTML 3Page - Analog Devices AD6630 Datasheet HTML 4Page - Analog Devices AD6630 Datasheet HTML 5Page - Analog Devices AD6630 Datasheet HTML 6Page - Analog Devices AD6630 Datasheet HTML 7Page - Analog Devices AD6630 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD6630
–6–
REV. 0
NC1
NC2
IP2
IP1
IP1B
IP2B
CL1
CL2
CD1
OP
CMD
OPB
CD2
VCC1
VEE
VCC2
C102
0.1 F
C103
0.1 F
C104
0.1 F
L4
11
12
VO
VI
VO
VI
SAW2
5
6
GND
1
2
3 4 7 8 9 10
L6
TO
AD6600
C100
0.1 F
C101
0.1 F
L2
11
12
5
6
C2
C1
L1A
L1
SMA
CHNA
+10V
U100A
AD6630
VO
VI
VO
VI
SAW1
GND
1
2
3 4 7 8 9 10
Figure 9. Reference Design Schematic (One Channel)
Figure 10. Reference Design PCB Layout
CLAMP
GENERATOR
CLP
CLN
CLLO
CLHI
+
–
DIFF
AMP
+
–
OUTPUT
AMP
OUTPUT
AMP
+
–
Figure 11. Functional Block Diagram
Figure 12. Reference Design Component Placement (Two
Channels Shown)
TO OUTPUT
AMPLIFIER
TO OUTPUT
AMPLIFIER
VEE
VCC
200
200
200
200
IP1
IP2
IP1
IP2
BIAS
Figure 13. Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com