Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6623ABC Datasheet(PDF) 23 Page - Analog Devices

Part # AD6623ABC
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623ABC Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6623ABC Datasheet HTML 19Page - Analog Devices AD6623ABC Datasheet HTML 20Page - Analog Devices AD6623ABC Datasheet HTML 21Page - Analog Devices AD6623ABC Datasheet HTML 22Page - Analog Devices AD6623ABC Datasheet HTML 23Page - Analog Devices AD6623ABC Datasheet HTML 24Page - Analog Devices AD6623ABC Datasheet HTML 25Page - Analog Devices AD6623ABC Datasheet HTML 26Page - Analog Devices AD6623ABC Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
REV. 0
AD6623
–23–
Table XII lists maximum bandwidth that will be rejected to various
levels for CIC5 interpolation factors from 1 to 32. The example
above corresponds to the listing in the –110 dB column and the
LCIC5 = 5 row. It is worth noting here that the rejection of the
CIC5 improves as the interpolation factor increases.
Table XII. Max Bandwidth of Rejection for LCIS Values
–110 dB
–100 dB
–90 dB
–80 dB
–70 dB
Full
Full
Full
Full
Full
0.101
0.127
0.160
0.203
0.256
0.126
0.159
0.198
0.246
0.307
0.136
0.170
0.211
0.262
0.325
0.136
0.175
0.217
0.269
0.333
0.143
0.178
0.220
0.272
0.337
0.144
0.179
0.222
0.275
0.340
0.145
0.180
0.224
0.276
0.341
0.146
0.181
0.224
0.277
0.342
0.146
0.182
0.225
0.278
0.343
0.147
0.182
0.226
0.278
0.344
0.147
0.182
0.226
0.279
0.344
0.147
0.183
0.226
0.279
0.345
0.147
0.183
0.226
0.279
0.345
0.148
0.183
0.227
0.280
0.345
0.148
0.183
0.227
0.280
0.345
0.148
0.183
0.227
0.280
0.346
0.148
0.183
0.227
0.280
0.346
0.148
0.183
0.227
0.280
0.346
0.148
0.184
0.227
0.280
0.346
0.148
0.184
0.227
0.280
0.346
0.148
0.184
0.227
0.280
0.346
0.148
0.184
0.227
0.280
0.346
0.148
0.184
0.227
0.280
0.346
0.148
0.184
0.227
0.281
0.346
0.148
0.184
0.227
0.281
0.346
0.148
0.184
0.227
0.281
0.346
0.148
0.184
0.227
0.281
0.346
0.148
0.184
0.227
0.281
0.346
0.148
0.184
0.227
0.281
0.346
0.148
0.184
0.227
0.281
0.346
0.148
0.184
0.228
0.281
0.346
rCIC2
The rCIC2 filter is a second order Cascaded Resampling Integrator
Comb filter whose impulse response is completely defined by
its rate change factors, LrCIC2 and MrCIC2. The resampler is
implemented using a unique technique that does not require
a high-speed clock (but it’s still completely jitter-free), thus
simplifying the design and saving power. The resampler allows for
noninteger relationships between the input data rate and the master
clock. This allows easier implementation of systems that are either
multimode or require a master clock that is not a multiple of the
input data rate to be used.
The value of LrCIC2 is limited from 1 to 4096 subject to some restric-
tions based upon the chosen LCIC5 value as shown in Table XIII.
Table XIII. Maximum Permissible LRC1C2 Values
Chosen LCIC5 Value
Maximum Allowed LrCIC2
32
4096
31
1162
24–30
L
rCIC
L
CIC
2
30
4
2
23
= []
–
log (
)
23
3836
1–22
4096
Two parameters determine the rate change in this block. They are
the interpolation factor (LrCIC2, 12 bits) and the decimation factor
(M, 9 bits). When combined, and subject to the maximum values
of LrCIC2, the total rate change can be any fraction in the form of:
R
L
M
LM
rCIC2
1 1
4096 1
512
=≥
≤ ≤
≤
≤
,,
(17)
The only constraint is that the ratio L/M must be greater than or
equal to one. This implies that the rCIC2 has a net interpolation
of 1 or more.
Resampling is implemented by apparently increasing the input
sample rate by the factor L, using zero stuffing for the new data
samples. Following the resampler is a second order cascaded
integrator comb filter. Filter characteristics are determined only
by the fractional rate change (L/M).
The filter can produce output signals at the full CLK rate of the
AD6623. The output rate of this stage is given by the equation
below.
f
L
M
f
out
rCIC
rCIC
rCIC
=
2
2
2
(18)
Both LrCIC2 and MrCIC2 are unsigned integers. The interpolation
rate (LrCIC2) may be from 1 to 4096 and the decimation (MrCIC2)
may be between 1 and 512. The stage can be bypassed by setting
the L and M to 1.
The transfer function of the rCIC2 is given by the following
equations with respect to the rCIC2 output sample rate, fout.
rCIC
z
z
z
L
rCIC
2
1
1
2
1
2
()
–
–
–
–
=


(19)
The frequency response of the rCIC2 can be expressed as follows.
The maximum gain is LrCIC2 at baseband. The initial MrCIC2/LrCIC2
factor normalizes for the increased rate, which is appropriate when
the samples are destined for a DAC with a zero order hold output.
rCIC
f
M
L
Lf
f
f
f
rCIC
rCIC
rCIC
out
out
2
2
2
2
2
()
=
×




sin
sin
π
π
(20)
The pass-band droop of CIC5 should be calculated using this
equation and can be compensated for in the RCF stage. The
gain should be calculated from the CIC scaling section above.
The values MrCIC2–1, LrCIC2–1 can be independently programmed
for each channel at locations 0xn07, 0xn08. While these control
registers are nine bits and 12 bits wide respectively, MrCIC2–1 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com