Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6644 Datasheet(PDF) 4 Page - Analog Devices

Part # AD6644
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644 Datasheet(HTML) 4 Page - Analog Devices

  AD6644 Datasheet HTML 1Page - Analog Devices AD6644 Datasheet HTML 2Page - Analog Devices AD6644 Datasheet HTML 3Page - Analog Devices AD6644 Datasheet HTML 4Page - Analog Devices AD6644 Datasheet HTML 5Page - Analog Devices AD6644 Datasheet HTML 6Page - Analog Devices AD6644 Datasheet HTML 7Page - Analog Devices AD6644 Datasheet HTML 8Page - Analog Devices AD6644 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
–4–
REV. 0
AD6644–SPECIFICATIONS
ENC,
ENC
D[13:0], OVR
DRY
N–1
tH_DR
tS_DR
N
N–2
N–3
tS_E
tH_E
tE_DR
tE_FL
tE_RL
tENC
tENCH
tENCL
N 1
N
N 2N 3N 4
tA
N
AIN
N 1
N 2
N 3
N 4
tDR
Figure 1. Timing Diagram
Test
AD6644AST-40/65
Parameter
Name
Temp
Level
Min
Typ
Max
Unit
DATA READY (DRY
5)/DATA, OVR
Data Ready to DATA Delay (Hold Time)
2
tH_DR
Note 6
Encode = 65 MSPS (50% Duty Cycle)
Full
IV
8.0
8.6
9.4
ns
Encode = 40 MSPS (50% Duty Cycle)
Full
IV
12.8
13.4
14.2
ns
Data Ready to DATA Delay (Setup Time)
2
tS_DR
Note 6
@ 65 MSPS (50% Duty Cycle)
Full
IV
3.2
5.5
6.5
ns
@ 40 MSPS (50% Duty Cycle)
Full
IV
8.0
10.3
11.3
ns
APERTURE DELAY
tA
25
°C
V
100
ps
APERTURE UNCERTAINTY (JITTER)
tJ
25
°C
V
0.2
ps rms
NOTES
1Several timing parameters are a function of t
ENC and tENCH.
2To compensate for a change in duty cycle for t
H_DR and tS_DR use the following equation:
NewtH_DR = (tH_DR – % Change(tENCH))
× t
ENC/2
NewtS_DR = (tS_DR – % Change(tENCH))
× t
ENC/2.
3ENCODE to DATA Delay (Hold Time) is the absolute minimum propagation delay through the analog-to-digital converter.
4ENCODE to DATA Delay (Setup Time) is calculated relative to 65 MSPS (50% duty cycle). In order to calculate t
S_E for a given encode use the following equation:
NewtS_E = tENC(NEW) – tENC + tS_E (i.e., for 40 MSPS: NewtS_E(TYP) = 25
× 10–9 – 15.38 × 10–9 + 9.8 × 10–9 = 19.4 × 10 –9).
5DRY is an inverted and delayed version of the encode clock. Any change in the duty cycle of the clock will correspondingly change the duty cycle of DRY.
6Data Ready to DATA Delay(t
H_DR and tS_DR) is calculated relative to 65 MSPS (50% duty cycle) and is dependent on t ENC and duty cycle. In order to calculate tH_DR
and tS_DR for a given encode use the following equations:
NewtH_DR = tENC(NEW)/2 – tENCH + tH_DR (i.e., for 40 MSPS: NewtH_DR(TYP) = 12.5
× 10–9 – 7.69 × 10–9 + 8.6 × 10–9 = 13.4 × 10–9
NewtS_DR = tENC(NEW)/2 – tENCH + tS_DR (i.e., for 40 MSPS: NewtS_DR(TYP) = 12.5
× 10–9 – 7.69 × 10–9 + 5.5 × 10–9 = 10.3 × 10–9.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com