Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6623BC/PCB Datasheet(PDF) 38 Page - Analog Devices

Part # AD6623BC/PCB
Description  4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6623BC/PCB Datasheet(HTML) 38 Page - Analog Devices

Back Button AD6623BC/PCB Datasheet HTML 32Page - Analog Devices AD6623BC/PCB Datasheet HTML 33Page - Analog Devices AD6623BC/PCB Datasheet HTML 34Page - Analog Devices AD6623BC/PCB Datasheet HTML 35Page - Analog Devices AD6623BC/PCB Datasheet HTML 36Page - Analog Devices AD6623BC/PCB Datasheet HTML 37Page - Analog Devices AD6623BC/PCB Datasheet HTML 38Page - Analog Devices AD6623BC/PCB Datasheet HTML 39Page - Analog Devices AD6623BC/PCB Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
REV. 0
AD6623
–38–
COEFFICIENT
1.0
0.5
05
10
0.0
15
20
25
30
35
40
Figure 37. Typical Impulse Response for WBCDMA
kHz
0
1000
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
2000 3000 4000 5000 6000 7000 8000 9000 10000
Figure 38. RAM Coefficient Filter, Frequency Response for
WBCDMA
kHz
0
1000
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
2000 3000 4000 5000 6000 7000 8000 9000 10000
CIC ROLLOFF
COMPOSITE
AD6623 RESPONSE
IDEAL
FILTER
Figure 39. RCF and CIL, Frequency Response for WBCDMA
THERMAL MANAGEMENT
The power dissipation of the AD6623 is primarily determined
by three factors: the clock rate, the number of channels active,
and the distribution of interpolation rates. The faster the clock
rate the more power dissipated by the CMOS structures of the
AD6623 and the more channels active the higher the overall
power of the chip. Low interpolation rates in the CIC stages
(CIC5, CIC2) results in higher power dissipation. All these
factors should be analyzed as each application has different
thermal requirements.
The AD6623 128-Lead MQFP is specially designed to provide
excellent thermal performance. To achieve the best performance
the power and ground leads should be connected directly to planes
on the PC board. This provides the best thermal transfer from the
AD6623 to the PC board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com