Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6640ST Datasheet(PDF) 12 Page - Analog Devices

Part # AD6640ST
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640ST Datasheet(HTML) 12 Page - Analog Devices

Back Button AD6640ST Datasheet HTML 8Page - Analog Devices AD6640ST Datasheet HTML 9Page - Analog Devices AD6640ST Datasheet HTML 10Page - Analog Devices AD6640ST Datasheet HTML 11Page - Analog Devices AD6640ST Datasheet HTML 12Page - Analog Devices AD6640ST Datasheet HTML 13Page - Analog Devices AD6640ST Datasheet HTML 14Page - Analog Devices AD6640ST Datasheet HTML 15Page - Analog Devices AD6640ST Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD6640
–12–
REV. 0
ENCODE
ENCODE
AD6640
R
T1–1T
SINE
SOURCE
Figure 29. Sine Source – Differential Encode
If a low jitter ECL clock is available, another option is to ac-
couple a differential ECL signal to the encode input pins as
shown below. The capacitors shown here should be chip ca-
pacitors but do not need to be of the low inductance variety.
ENCODE
ENCODE
AD6640
ECL
GATE
0.1 F
0.1 F
–VS
510
510
Figure 30. Differential ECL for Encode
As a final alternative, the ECL gate may be replaced by an ECL
comparator. The input to the comparator could then be a logic
signal or a sine signal.
ENCODE
ENCODE
AD6640
0.1 F
0.1 F
–VS
50
AD96687 (1/2)
510
510
Figure 31. ECL Comparator for Encode
Driving the Analog Input
Because the AD6640 operates from a single +5 volt supply, the
analog input voltage range is offset from ground by 2.4 volt.
Each analog input connects through a 450 ohm resistor to the
2.4 volt bias voltage and to the input of a differential buffer
(Figure 32). This resistor network on the input properly biases
the followers for maximum linearity and range. Therefore, the
analog source driving the AD6640 should be ac-coupled to the
input pins. Since the differential input impedance of the AD6640
is 0.9 k
Ω, the analog input power requirement is only –3 dBm,
simplifying the drive amplifier in many cases.
AD6640
450
+2.4V
REFERENCE
AIN
0.01 F
450
BUF
BUF
BUF
AIN
VREF
0.1 F
Figure 32. Differential Analog Inputs
To take full advantage of this high input impedance, a 20:1
transformer would be required. This is a large ratio and could
result in unsatisfactory performance. In this case, a lower
step-up ratio could be used. For example, if RT were set to
260 ohms, along with a 4:1 transformer, the input would match
to a 50 ohm source with a full-scale drive of +4 dBm (Figure
33). Note that the external load resistor, RT, is in parallel with
the AD6640 analog input resistance of 900 ohms. The external
resistor value can be calculated from the following equation:
RT =
1
1
Z
–
1
900
where Z is the desired impedance (200
Ω for a 4:1 transformer
with 50
Ω input source).
AIN
0.01 F
AIN
VREF
0.1 F
RT
1:4
ANALOG
INPUT
SIGNAL
AD6640
Figure 33. Transformer-Coupled Analog Input Signal
If the lower drive power is attractive, a combination transformer
match and LC match could be employed that would use a 4:1
transformer with an LC as shown in Figure 34. This solution is
useful when good performance in the third Nyquist zone is
required. Such a requirement arises when digitizing high inter-
mediate frequencies in communications receivers.
AIN
0.01 F
AIN
VREF
0.1 F
1:4
AD6640
–j125
+j100
ANALOG
SIGNAL
AT
–3dBm
Figure 34. Low Power Drive Circuit
In applications where gain is needed but dc-coupling is not
necessary, an extension of Figure 34 is recommended. A
50 ohm gain block may be placed in front of the LC matching
network. Such gain blocks are readily available for commercial
applications. These low cost modules can have excellent NF and
intermodulation performance. This circuit is especially good for
the “IF” receiver application previously mentioned.
In applications where dc-coupling is required the following
circuit can be used (Figure 35). It should be noted that the
addition of circuitry for dc-coupling may compromise performance
in terms of noise, offset and dynamic performance. This circuit
requires an inverting and noninverting signal path. Additionally,
an offset must be generated so that the analog input to each pin
is centered near 2.4 volts. Since the input is differential, small
differences in the dc voltage at each input can translate into an
offset for the circuit. The same holds true for gain mismatch.
Therefore, some means of adjusting the gain and offset between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com