Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6644PCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD6644PCB
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6644PCB Datasheet HTML 10Page - Analog Devices AD6644PCB Datasheet HTML 11Page - Analog Devices AD6644PCB Datasheet HTML 12Page - Analog Devices AD6644PCB Datasheet HTML 13Page - Analog Devices AD6644PCB Datasheet HTML 14Page - Analog Devices AD6644PCB Datasheet HTML 15Page - Analog Devices AD6644PCB Datasheet HTML 16Page - Analog Devices AD6644PCB Datasheet HTML 17Page - Analog Devices AD6644PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AD6644
–14–
REV. 0
AD6644ST/PCB Bill of Material
Item
Quantity
Reference
Description
1
2
C1, C2
Tantalum Chip Capacitor 10
µF
2
19
C3, C7, C8, C9, C10, C11, C16, C30, C31,
Ceramic Chip Capacitor 0508, 0.1
µF
C32, C4, C22, C23, C24, C25, C26, C27,
C28, C29
3
8
C12, C13, C14, C17, C18, C19, C20, C21
Ceramic Chip Capacitor 0508, 0.01
µF
4
1
CR1
HSMS2812 Surface Mount Diode
5
1
E3, E4, E5
3-Pin Header
6
4
F1, F2, F3, F4
Ferrite (Optional)
7
2
J1, J6
PCTB2
8
1
J2
50-Pin Double Row Header
9
1
J3
SMA Connector
10
2
J4, J5
BNC Connector
11
1
R1
Surface-Mount Resistor 1206, 100
Ω
12
1
R2
Surface-Mount Resistor 1206, 60.4
Ω
13
4
R3, R4, R5, R8
Surface-Mount Resistor 0805, 499
Ω (Optional,
DC-Coupling Only)
14
2
R6, R7
Surface-Mount Resistor 0805, 25
Ω
15
1
R9
Surface-Mount Resistor 0805, 348
Ω
16
1
R10
Surface-Mount Resistor 0805, 615
Ω
17
1
R35
Surface-Mount Resistor 0805, 49.9
Ω
18
30
R36, R37, R38, R39, R40, R41, R42, R43,
Surface-Mount Resistor 0402, 100
Ω
R44, R45, R46, R47, R48, R49, R50, R51,
R52, R53, R54, R55, R56, R57, R58, R59,
R60, R61, R62, R63, R64, R65
19
2
T2, T3
Surface-Mount Transformer Mini-Circuits T4–1, 1:4 Ratio
20
1
U1
AD6644AST 14-Bit 65 MSPS A/D Converter
21
2
U2, U7
74LCX574 Octal Latch
22
1
U3
AD8138 Single-to-Differential Amplifier (Optional – DC
Coupling Only)
23
2
U4, U6
NC7SZ32 Two Input OR Gate
24
1
U5
CTS Reeves Full-Size MX045 Crystal Clock Oscillator
EVALUATION BOARD
The evaluation board for the AD6644 is straightforward,
containing all required circuitry for evaluating the device. The
only external connections required are power supplies, clock,
and the analog inputs. The evaluation board includes the option
for an onboard clock oscillator for ENCODE.
Power to the analog supply pins of the AD6644 is connected via
the power terminal block (PCTB2). Power for the digital interface
is supplied via pin 1 of J6. The J2 connector mates directly with
SoftCell Receive Signal Processor (AD6620, AD6624) evaluation
boards, allowing complete evaluation of system performance.
The analog input is connected via a BNC connector AIN, which
is transformer-coupled to the AD6644 inputs. The transformer
has a turns ratio of 1:4 to reduce the amount of input power
required to drive the AD6644.
The Encode signal may be generated using an onboard crystal
oscillator, U5. The on-board oscillator may be replaced by an
external encode source via the SMA connector labeled OPT_CLK
or BNC connector labeled ENCODE. If an external source is
used, it must be a high-quality and very low-phase noise source.
The AD6644 output data is latched using 74LCX574 (U7, U2)
latches. The clock for these latches is determined by selecting
jumper E3–E4 or E4–E5. E3 to E5 is a just a gate delayed ver-
sion of the clock, while connecting E4 to E5 utilizes the Data
Ready of the AD6644 to latch the output data. A clock is also
distributed with the output data (J2) that is labeled BUFLAT
(Pin 19 and 20, J2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com