Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD648CQ Datasheet(PDF) 9 Page - Analog Devices

Part # AD648CQ
Description  Dual Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD648CQ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD648CQ Datasheet HTML 4Page - Analog Devices AD648CQ Datasheet HTML 5Page - Analog Devices AD648CQ Datasheet HTML 6Page - Analog Devices AD648CQ Datasheet HTML 7Page - Analog Devices AD648CQ Datasheet HTML 8Page - Analog Devices AD648CQ Datasheet HTML 9Page - Analog Devices AD648CQ Datasheet HTML 10Page - Analog Devices AD648CQ Datasheet HTML 11Page - Analog Devices AD648CQ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD648
REV. C
–9–
INSTRUMENTATION AMPLIFIER
The AD648J’s maximum input current of 20 pA per amplifier
makes it an excellent building block for the high input imped-
ance instrumentation amplifier shown in Figure 29. Total cur-
rent drain for this circuit is under 600
µA. This configuration is
optimal for conditioning differential voltages from high imped-
ance sources.
The overall gain of the circuit is controlled by RG, resulting in
the following transfer function:
VOUT
VIN
= 1+ (R3 + R4)
RG
Gains of 1 to 100 can be accommodated with gain nonlinearities
of less than 0.01%. The maximum input current is 30 pA over
the common-mode range, with a common-mode impedance of
over 1
× 1012Ω. The capacitors C1, C2, C3 and C4 compensate
for peaking in the gain over frequency which is caused by input
capacitance.
To calibrate this circuit, first adjust trimmer R1 for common-
mode rejection with +10 volts dc applied to the input pins.
Next, adjust R2 for zero offset at VOUT with both inputs
grounded. Trim the circuit a second time for optimal
performance.
The –3 dB small signal bandwidth for this low power instru-
mentation amplifier is 700 kHz for a gain of 1 and 10 kHz for a
gain of 100. The typical output slew rate is 1.8 V/
µs.
Figure 29. Low Power Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com