Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD670 Datasheet(PDF) 1 Page - Analog Devices

Part # AD670
Description  Low Cost Signal Conditioning 8-Bit ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD670 Datasheet(HTML) 1 Page - Analog Devices

  AD670 Datasheet HTML 1Page - Analog Devices AD670 Datasheet HTML 2Page - Analog Devices AD670 Datasheet HTML 3Page - Analog Devices AD670 Datasheet HTML 4Page - Analog Devices AD670 Datasheet HTML 5Page - Analog Devices AD670 Datasheet HTML 6Page - Analog Devices AD670 Datasheet HTML 7Page - Analog Devices AD670 Datasheet HTML 8Page - Analog Devices AD670 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Cost Signal
Conditioning 8-Bit ADC
AD670
FEATURES
Complete 8-Bit Signal Conditioning A/D Converter
Including Instrumentation Amp and Reference
Microprocessor Bus Interface
10
s Conversion Speed
Flexible Input Stage: Instrumentation Amp Front End
Provides Differential Inputs and High Common-Mode
Rejection
No User Trims Required
No Missing Codes Over Temperature
Single +5 V Supply Operation
Convenient Input Ranges
20-Pin DIP or Surface-Mount Package
Low Cost Monolithic Construction
MIL-STD-883B Compliant Versions Available
GENERAL DESCRIPTION
The AD670 is a complete 8-bit signal conditioning analog-
to-digital converter. It consists of an instrumentation amplifier
front end along with a DAC, comparator, successive approxima-
tion register (SAR), precision voltage reference, and a three-
state output buffer on a single monolithic chip. No external
components or user trims are required to interface, with full
accuracy, an analog system to an 8-bit data bus. The AD670
will operate on the +5 V system supply. The input stage pro-
vides differential inputs with excellent common-mode rejection
and allows direct interface to a variety of transducers.
The device is configured with input scaling resistors to permit
two input ranges: 0 mV to 255 mV (1 mV/LSB) and 0 to 2.55 V
(10 mV/LSB). The AD670 can be configured for both unipolar
and bipolar inputs over these ranges. The differential inputs and
common-mode rejection of this front end are useful in applica-
tions such as conversion of transducer signals superimposed on
common-mode voltages.
The AD670 incorporates advanced circuit design and proven
processing technology. The successive approximation function
is implemented with I
2L (integrated injection logic). Thin-film
SiCr resistors provide the stability required to prevent missing
codes over the entire operating temperature range while laser
wafer trimming of the resistor ladder permits calibration of the
device to within
±1 LSB. Thus, no user trims for gain or offset
are required. Conversion time of the device is 10
µs.
The AD670 is available in four package types and five grades.
The J and K grades are specified over 0
°C to +70°C and come
in 20-pin plastic DIP packages or 20-terminal PLCC packages.
The A and B grades (–40
°C to +85°C) and the S grade (–55°C
to +125
°C) come in 20-pin ceramic DIP packages.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
The S grade is also available with optional processing to
MIL-STD-883 in 20-pin ceramic DIP or 20-terminal LCC
packages. The Analog Devices Military Products Databook
should be consulted for detailed specifications.
PRODUCT HIGHLIGHTS
1. The AD670 is a complete 8-bit A/D including three-state
outputs and microprocessor control for direct connection to
8-bit data buses. No external components are required to
perform a conversion.
2. The flexible input stage features a differential instrumenta-
tion amp input with excellent common-mode rejection. This
allows direct interface to a variety of transducers without
preamplification.
3. No user trims are required for 8-bit accurate performance.
4. Operation from a single +5 V supply allows the AD670 to
run off of the microprocessor’s supply.
5. Four convenient input ranges (two unipolar and two bipolar)
are available through internal scaling resistors: 0 mV to
255 mV (1 mV/LSB) and 0 V to 2.55 V (10 mV/LSB).
6. Software control of the output mode is provided. The user
can easily select unipolar or bipolar inputs and binary or 2s
complement output codes.


Similar Part No. - AD670

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD670 AD-AD670 Datasheet
397Kb / 13P
Low Cost Signal Conditioning 8-Bit ADC
23-Feb-2017
AD670AD AD-AD670AD Datasheet
397Kb / 13P
Low Cost Signal Conditioning 8-Bit ADC
23-Feb-2017
AD670BD AD-AD670BD Datasheet
397Kb / 13P
Low Cost Signal Conditioning 8-Bit ADC
23-Feb-2017
AD670JN AD-AD670JN Datasheet
397Kb / 13P
Low Cost Signal Conditioning 8-Bit ADC
23-Feb-2017
AD670JNZ AD-AD670JNZ Datasheet
370Kb / 12P
Low Cost Signal Conditioning 8-Bit ADC
REV. A
More results

Similar Description - AD670

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7710 AD-AD7710 Datasheet
220Kb / 28P
Signal Conditioning ADC
REV.F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
Signal Conditioning ADC
REV. G
AD670JNZ AD-AD670JNZ Datasheet
370Kb / 12P
Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670 AD-AD670_15 Datasheet
366Kb / 12P
Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
Signal Conditioning ADC
REV. F
AD7712 AD-AD7712_17 Datasheet
304Kb / 29P
Signal Conditioning ADC
23-Feb-2017
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
Signal Conditioning ADC
23-Feb-2017
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
Signal Conditioning ADC
23-Feb-2017
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
Signal Conditioning ADC
23-Feb-2017
AD670 AD-AD670_17 Datasheet
397Kb / 13P
Low Cost Signal Conditioning 8-Bit ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com