Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD674B Datasheet(PDF) 1 Page - Analog Devices

Part # AD674B
Description  Complete 12-Bit A/D Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD674B Datasheet(HTML) 1 Page - Analog Devices

  AD674B Datasheet HTML 1Page - Analog Devices AD674B Datasheet HTML 2Page - Analog Devices AD674B Datasheet HTML 3Page - Analog Devices AD674B Datasheet HTML 4Page - Analog Devices AD674B Datasheet HTML 5Page - Analog Devices AD674B Datasheet HTML 6Page - Analog Devices AD674B Datasheet HTML 7Page - Analog Devices AD674B Datasheet HTML 8Page - Analog Devices AD674B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD674B/AD774B
5V SUPPLY
VLOGIC
DATA MODE SELECT
12/
8
CHIP SELECT
CS
BYTE ADDRESS/
SHORT CYCLE A0
READ/CONVERT R/
C
CHIP ENABLE
CE
12V/15V SUPPLY
VCC
10V REFERENCE
REF OUT
ANALOG COMMON
AC
REFERENCE INPUT
REF IN
–12V/ –15V SUPPLY
VEE
BIPOLAR OFFSET
BIPOFF
10V SPAN INPUT
10VIN
20V SPAN INPUT
20VIN
STATUS
STS
DB11 (MSB)
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0 (LSB)
DIGITAL
COMMON DC
CONTROL
VOLTAGE
DIVIDER
N
Y
B
B
L
E
A
MSB
3
S
T
A
T
E
O
U
T
P
U
T
B
U
F
F
E
R
S
LSB
N
Y
B
B
L
E
B
N
Y
B
B
L
E
C
CLOCK
SAR
12
10V
REF
–
+
COMP
I DAC
199.95
k
DAC
N
VEE
I REF
DIGITAL
DATA
OUTPUTS
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
Complete 12-Bit
A/D Converters
AD674B*/AD774B*
FEATURES
Complete Monolithic 12-Bit A/D Converters with
Reference, Clock, and Three-State Output Buffers
Industry Standard Pinout
High Speed Upgrades for AD574A
8- and 16-Bit Microprocessor Interface
8
s (Max) Conversion Time (AD774B)
15
s (Max) Conversion Time (AD674B)
5 V,
10 V, 0 V–10 V, 0 V–20 V Input Ranges
Commercial, Industrial, and Military Temperature
Range Grades
MIL-STD-883-Compliant Versions Available
PRODUCT DESCRIPTION
The AD674B and AD774B are complete 12-bit successive-
approximation analog-to-digital converters with three-state
output buffer circuitry for direct interface to 8- and 16-bit
microprocessor busses. A high-precision voltage reference and
clock are included on chip, and the circuit requires only power
supplies and control signals for operation.
The AD674B and AD774B are pin-compatible with the indus-
try standard AD574A, but offer faster conversion time and bus-
access speed than the AD574A and lower power consumption.
The AD674B converts in 15
µs (maximum) and the AD774B
converts in 8
µs (maximum).
The monolithic design is implemented using Analog Devices’
BiMOS II process allowing high-performance bipolar analog
circuitry to be combined on the same die with digital CMOS logic.
Offset, linearity, and scaling errors are minimized by active
laser trimming of thin-film resistors.
Five different grades are available. The J and K grades are
specified for operation over the 0
°C to 70°C temperature range.
The A and B grades are specified from –40
°C to +85°C, the T grade
is specified from –55
°C to +125°C. The J and K grades are
available in a 28-lead plastic DIP or 28-lead SOIC. All other grades
are available in a 28-lead hermetically sealed ceramic DIP.
PRODUCT HIGHLIGHTS
1. Industry Standard Pinout: The AD674B and AD774B use
the pinout established by the industry standard AD574A.
2. Analog Operation: The precision, laser-trimmed scaling and
bipolar offset resistors provide four calibrated ranges: 0 V to
10 V and 0 V to 20 V unipolar; –5 V to +5 V and –10 V to
+10 V bipolar. The AD674B and AD774B operate on +5 V
and
±12 V or ±15 V power supplies.
3. Flexible Digital Interface: On-chip multiple-mode three-state
output buffers and interface logic allow direct connection to
most microprocessors. The 12 bits of output data can be
read either as one 12-bit word or as two 8-bit bytes (one with
8 data bits, the other with 4 data bits and 4 trailing zeros).
4. The internal reference is trimmed to 10.00 V with 1% maxi-
mum error and 10 ppm/
°C typical temperature coefficient.
The reference is available externally and can drive up to
2.0 mA beyond the requirements of the converter and bipo-
lar offset resistors.
5. The AD674B and AD774B are available in versions compli-
ant with MIL-STD-883. Refer to the Analog Devices Mili-
tary Products Databook or current AD674B/AD774B/883B
data sheet for detailed specifications.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
*Protected by U.S. Patent Nos. 4,250,445; 4,808,908; RE30586.


Similar Part No. - AD674B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD674B AD-AD674B Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674BAD AD-AD674BAD Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674BAD AD-AD674BAD Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674BAR AD-AD674BAR Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674BAR AD-AD674BAR Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
More results

Similar Description - AD674B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADADC84 AD-ADADC84 Datasheet
629Kb / 8P
FAST, COMPLETE 12-BIT A/D CONVERTERS
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
COMPLETE LOW COST 12-BIT D/A CONVERTERS
ADDAC80NZ-CBI-V AD-ADDAC80NZ-CBI-V Datasheet
212Kb / 16P
Complete Low Cost 12-Bit D/A Converters
REV. B
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
Complete 12-Bit A/D Converters
REV. C
ADADC84 AD-ADADC84_15 Datasheet
1Mb / 12P
FAST COMPLETE 12 BIT A/D CONVERTERS
REV. B
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
Fast, Complete 12-Bit A/D Converters
REV. B
ADDAC80 AD-ADDAC80_15 Datasheet
232Kb / 16P
Complete Low Cost 12-Bit D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com