Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD684 Datasheet(PDF) 5 Page - Analog Devices

Part # AD684
Description  Four-Channel Sample-and-Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD684 Datasheet(HTML) 5 Page - Analog Devices

  AD684 Datasheet HTML 1Page - Analog Devices AD684 Datasheet HTML 2Page - Analog Devices AD684 Datasheet HTML 3Page - Analog Devices AD684 Datasheet HTML 4Page - Analog Devices AD684 Datasheet HTML 5Page - Analog Devices AD684 Datasheet HTML 6Page - Analog Devices AD684 Datasheet HTML 7Page - Analog Devices AD684 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD684
REV. A
–5–
DEFINITIONS OF SPECIFICATIONS
Acquisition Time
— The length of time that the SHA must
remain in the sample mode in order to acquire a full-scale input
step to a given level of accuracy.
Small Signal Bandwidth
— The frequency at which the held
output amplitude is 3 dB below the input amplitude, under an
input condition of a 100 mV p-p sine wave.
Full Power Bandwidth
— The frequency at which the held
output amplitude is 3 dB below the input amplitude, under an
input condition of a 10 V p-p sine wave.
Effective Aperture Delay
— The difference between the
switch delay and the analog delay of the SHA channel. A
negative number indicates that the analog portion of the overall
delay is greater than the switch portion. This effective delay
represents the point in time, relative to the hold command, that
the input signal will be sampled.
Aperture Jitter
— The variations in aperture delay for
successive samples. Aperture jitter puts an upper limit on the
maximum frequency that can be accurately sampled.
Hold Settling Time
—The time required for the output to
settle to within a specified level of accuracy of its final held
value after the hold command has been given.
Droop Rate
— The drift in output voltage while in the hold
mode.
Feedthrough
— The attenuated version of a changing input
signal that appears at the output when the SHA is in the hold
mode.
Hold Mode Offset
— The difference between the input signal
and the held output. This offset term applies only in the hold
mode and includes the error caused by charge injection and all
other internal offsets. It is specified for an input of 0 V.
Tracking Mode Offset
— The difference between the input
and output signals when the SHA is in the track mode.
Nonlinearity
— The deviation from a straight line on a plot of
input vs. (held) output as referenced to a straight line drawn
between endpoints, over an input range of –5 V and +5 V.
Gain Error
— Deviation from a gain of +1 on the transfer
function of input vs. held output.
Interchannel Isolation
— The level of crosstalk between
adjacent channels while in the sample (track) mode with a full
scale 100 kHz input signal.
Interchannel Aperture Offset
— The variation in aperture
time between the four channels for a simultaneous hold
command.
Differential Offset
— The difference in hold mode offset
between the four SHA channels.
Power Supply Rejection Ratio
— A measure of change in the
held output voltage for a specified change in the positive or
negative supply.
Sampled dc Uncertainty
— The internal rms SHA noise that
is sampled onto the hold capacitor.
Hold Mode Noise
— The rms noise at the output of the SHA
while in the hold mode, specified over a given bandwidth.
Total Output Noise
— The total rms noise that is seen at the
output of the SHA while in the hold mode. It is the rms
summation of the sampled dc uncertainty and the hold mode
noise.
Output Drive Current
— The maximum current the SHA can
source (or sink) while maintaining a change in hold mode offset
of less than 2.5 mV.
FUNCTIONAL DESCRIPTION
The AD684 is a complete quad sample-and-hold amplifier that
provides high speed sampling to 12-bit accuracy in less than 1
µs.
The AD684 is completely self-contained, including on-chip
hold capacitors, and requires no external components or
adjustments to perform the sampling function. Each SHA
channel can operate independently, having its own input, output
and sample/hold command. Both inputs and outputs are treated
as single ended signals, referred to common.
The AD684 utilizes a proprietary circuit design which includes a
self-correcting architecture. This sample-and-hold circuit
corrects for internal errors after the hold command has been
given, by compensating for amplifier gain and offset errors, and
charge injection errors. Due to the nature of the design, the
SHA output in the sample mode is not intended to provide an
accurate representation of the input. However, in hold mode,
the internal circuitry is reconfigured to produce an accurately
held version of the input signal. To the right is a block diagram
of the AD684.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com